Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH35015 Datasheet (PDF) - WOLFSPEED, INC.

CGH35015 Datasheet PDF - WOLFSPEED, INC.
Part # CGH35015
Download  CGH35015 Download
File Size   2326.62 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 15 W, 3.3-3.9 GHz, 28V, GaN HEMT for WiMAX

CGH35015 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGH35015 Datasheet PDF - WOLFSPEED, INC.

Part # CGH35015
Download  CGH35015 Click to download

File Size   2326.62 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 15 W, 3.3-3.9 GHz, 28V, GaN HEMT for WiMAX

CGH35015 Datasheet (HTML) - WOLFSPEED, INC.


CGH35015 Product details

Description
Wolfspeed’s CGH35015 is a gallium nitride (GaN) high electron mobility
transistor (HEMT) designed specifically for 802.16-2004 WiMAX Fixed Access
applications. GaN HEMTs offer high efficiency, high gain and wide bandwidth
capabilities, which makes the CGH35015 ideal for 3.3-3.9 GHz WiMAX and BWA
amplifier applications. The transistor is available in both screw-down, flange
and solder-down, pill packages
Features
• 3.3 - 3.9 GHz Operation
• 15 W Peak Power Capability
• 12 dB Small Signal Gain
• 2.0 W PAVE at < 2.0% EVM
• 26% Efficiency at 2 W Average Power
• WiMAX Fixed Access 802.16-2004 OFDM
• WiMAX Mobile Access 802.16e OFDMA




Similar Part No. - CGH35015

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH35015 CREE-CGH35015 Datasheet
1,011Kb / 12P
15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 4.0
CGH35015-TB CREE-CGH35015-TB Datasheet
1,011Kb / 12P
15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 4.0
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.6
CGH35015F CREE-CGH35015F Datasheet
1,011Kb / 12P
15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 4.0
CGH35015F-AMP CREE-CGH35015F-AMP Datasheet
1,011Kb / 12P
15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 4.0
More results


Similar Description - CGH35015

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.7
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.6
CGH35030F CREE-CGH35030F Datasheet
760Kb / 8P
30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.4
CGH35015 CREE-CGH35015 Datasheet
1,011Kb / 12P
15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 4.0
CGH35030F CREE-CGH35030F_15 Datasheet
1Mb / 12P
30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 4.0
CGH35060F1 CREE-CGH35060F1 Datasheet
2Mb / 12P
60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev 3.1
logo
WOLFSPEED, INC.
CGH35060F1_P1 WOLFSPEED-CGH35060F1_P1 Datasheet
1Mb / 12P
60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev. 3.3, 2022-10-28
CGH55030F1-P1 WOLFSPEED-CGH55030F1-P1 Datasheet
1Mb / 13P
30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com