Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGHV35120F Datasheet (PDF) - WOLFSPEED, INC.

CGHV35120F Datasheet PDF - WOLFSPEED, INC.
Part # CGHV35120F
Download  CGHV35120F Download
File Size   837.74 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 120 W, 2.9 - 3.8 GHz, 50 V, GaN HEMT for S-Band Radar Systems

CGHV35120F Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV35120F Datasheet PDF - WOLFSPEED, INC.

Part # CGHV35120F
Download  CGHV35120F Click to download

File Size   837.74 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 120 W, 2.9 - 3.8 GHz, 50 V, GaN HEMT for S-Band Radar Systems

CGHV35120F Datasheet (HTML) - WOLFSPEED, INC.


CGHV35120F Product details

Description
Wolfspeed’s CGHV35120F is a gallium nitride (GaN) high electron
mobility transistor (HEMT)designed specifically with high efficiency,
high gain and wide bandwidth capabilities, which makes the
CGHV35120F ideal for 2.9 - 3.8 GHz S-Band radar amplifier applications.
The transistor is supplied in a ceramic/metal flange package.
Features
• Rated Power = 120 W @ TCASE = 85°C
• Operating Frequency = 2.9 - 3.8 GHz
• Transient 100 μsec - 300 μsec @ 20% Duty Cycle
• 13 dB Power Gain @ TCASE = 85°C
Large Signal Models Available for ADS and MWO
• 62% Typical Drain Efficiency @ TCASE = 85°C
• Input Matched
• <0.3 dB Pulsed Amplitude Droop




Similar Part No. - CGHV35120F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV35150 CREE-CGHV35150 Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
logo
WOLFSPEED, INC.
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
logo
Cree, Inc
CGHV35150-TB CREE-CGHV35150-TB Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
CGHV35150F CREE-CGHV35150F Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
CGHV35150F-AMP CREE-CGHV35150F-AMP Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
More results


Similar Description - CGHV35120F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV35150 CREE-CGHV35150 Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
CGHV14800 CREE-CGHV14800 Datasheet
765Kb / 9P
800 W, 1200 - 1400 MHz, 50 V, GaN HEMT for L-Band Radar Systems
Rev 0.2
logo
WOLFSPEED, INC.
CGH31240F WOLFSPEED-CGH31240F Datasheet
2Mb / 12P
240 W, 2.7-3.1 GHz, 50-ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev. 2.2, 2022-11-11
CGH35240 WOLFSPEED-CGH35240 Datasheet
1Mb / 12P
240 W, 3.1-3.5 GHz, 50-ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev. 4.0, 2022-6-28
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
CGHV31500F WOLFSPEED-CGHV31500F Datasheet
808Kb / 11P
500 W, 2.7 - 3.1 GHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev 3.2 - April 2020
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
CGHV35400F WOLFSPEED-CGHV35400F Datasheet
928Kb / 11P
400 W, 2.9 - 3.5 GHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev 5.2 - February 2021
CGHV35400F1 WOLFSPEED-CGHV35400F1 Datasheet
1Mb / 21P
400 W, 2.9 - 3.5 GHz, GaN HEMT
Rev. 1.0, 2022-8-4
CGHV59350 WOLFSPEED-CGHV59350 Datasheet
3Mb / 14P
350 W, 5.2 - 5.9 GHz, 50-Ohm Input/Output Matched, GaN HEMT for C-Band Radar Systems
Rev. 1.6, 2023-05-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com