Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGHV40180P Datasheet (PDF) - WOLFSPEED, INC.

CGHV40180P Datasheet PDF - WOLFSPEED, INC.
Part # CGHV40180P
Download  CGHV40180P Download
File Size   713.32 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 180 W, DC - 2.0 GHz, 50 V, GaN HEMT

CGHV40180P Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV40180P Datasheet PDF - WOLFSPEED, INC.

Part # CGHV40180P
Download  CGHV40180P Click to download

File Size   713.32 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 180 W, DC - 2.0 GHz, 50 V, GaN HEMT

CGHV40180P Datasheet (HTML) - WOLFSPEED, INC.


CGHV40180P Product details

Description
Cree’s CGHV40180P is an unmatched, gallium nitride (GaN) high
electron mobility transistor (HEMT). The CGHV40180P, operating
from a 50 volt rail, offers a general purpose, broadband solution
to a variety of RF and microwave applications. GaN HEMTs
offer high efficiency, high gain and wide bandwidth capabilities
making the CGHV40180P ideal for linear and compressed
amplifier circuits. The transistor is available in a 2-lead pill
package.
Features
• Up to 2.0 GHz Operation
• 24 dB Small Signal Gain at 900 MHz
• 20 dB Power Gain at 900 MHz
• 250 W Typical Output Power at 900 MHz
• 75% Efficiency at PSAT
Applications
• Military Communications
• Public Safety VHF-UHF applications
• Radar
• Medical
• Broadband Amplifiers




Similar Part No. - CGHV40180P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40180P CREE-CGHV40180P Datasheet
1Mb / 12P
180 W, DC - 2000 MHz, 50 V, GaN HEMT
CGHV40180P-AMP CREE-CGHV40180P-AMP Datasheet
1Mb / 12P
180 W, DC - 2000 MHz, 50 V, GaN HEMT
CGHV40180P-TB CREE-CGHV40180P-TB Datasheet
1Mb / 12P
180 W, DC - 2000 MHz, 50 V, GaN HEMT
More results


Similar Description - CGHV40180P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
100 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 3.0
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
CGHV40180F CREE-CGHV40180F Datasheet
1Mb / 12P
180 W, DC - 2000 MHz, 50 V, GaN HEMT
CGHV40180P CREE-CGHV40180P Datasheet
1Mb / 12P
180 W, DC - 2000 MHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
CGHV40180F WOLFSPEED-CGHV40180F Datasheet
2Mb / 16P
180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com