Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5SV64M4AT Datasheet (PDF) - List of Unclassifed Manufacturers

NT5SV64M4AT Datasheet PDF - List of Unclassifed Manufacturers
Part # NT5SV64M4AT
Download  NT5SV64M4AT Download
File Size   817.62 Kbytes
Page   65 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 256Mb Synchronous DRAM

NT5SV64M4AT Datasheet (PDF)

Go To PDF Page Download Datasheet
NT5SV64M4AT Datasheet PDF - List of Unclassifed Manufacturers

Part # NT5SV64M4AT
Download  NT5SV64M4AT Click to download

File Size   817.62 Kbytes
Page   65 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 256Mb Synchronous DRAM

NT5SV64M4AT Datasheet (HTML) - List of Unclassifed Manufacturers


NT5SV64M4AT Product details

[Nanya]



Description

The NT5SV64M4AT, NT5SV32M8AT, and NT5SV16M16AT are four-bank Synchronous DRAMs organized as 16Mbit x 4 I/O x 4 Bank, 8Mbit x 8 I/O x 4 Bank, and 4Mbit x 16 I/O x 4 Bank, respectively. These synchronous devices achieve high-speed data transfer rates of up to 133MHz by employing a pipeline chip architecture that synchronizes the output data to a system clock. The chip is fabricated with NTC’s advanced 256Mbit single transistor CMOS DRAM process technology.



Features

• High Performance: (TABLE)

• Single Pulsed RAS Interface

• Fully Synchronous to Positive Clock Edge

• Four Banks controlled by BA0/BA1 (Bank Select)

• Programmable CAS Latency: 2, 3

• Programmable Burst Length: 1, 2, 4, 8

• Programmable Wrap: Sequential or Interleave

• Multiple Burst Read with Single Write Option

• Automatic and Controlled Precharge Command

• Data Mask for Read/Write control (x4, x8)

• Dual Data Mask for byte control (x16)

• Auto Refresh (CBR) and Self Refresh

• Suspend Mode and Power Down Mode

• Standard Power operation

• 8192 refresh cycles/64ms

• Random Column Address every CK (1-N Rule)

• Single 3.3V ± 0.3V Power Supply

• LVTTL compatible

• Package: 54-pin 400 mil TSOP-Type II

• -7K parts for PC133 2-2-2 operation

  -75B parts for PC133 3-3-3 operation

  -8B parts for PC100 2-2-2 operation



 




Similar Part No. - NT5SV64M4AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5SV16M4DT ETC-NT5SV16M4DT Datasheet
203Kb / 21P
64Mb Synchronous DRAM
NT5SV16M4DT-6K ETC-NT5SV16M4DT-6K Datasheet
203Kb / 21P
64Mb Synchronous DRAM
NT5SV16M4DT-7 ETC-NT5SV16M4DT-7 Datasheet
203Kb / 21P
64Mb Synchronous DRAM
NT5SV16M4DT-7K ETC-NT5SV16M4DT-7K Datasheet
203Kb / 21P
64Mb Synchronous DRAM
NT5SV4M16DT ETC-NT5SV4M16DT Datasheet
203Kb / 21P
64Mb Synchronous DRAM
More results


Similar Description - NT5SV64M4AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM48AM1684VTB ETC2-EM48AM1684VTB Datasheet
704Kb / 17P
256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA_09 Datasheet
660Kb / 18P
256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTF EOREX-EM48AM1684VTF Datasheet
222Kb / 19P
256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
256Mb SYNCHRONOUS DRAM
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
256Mb SYNCHRONOUS DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com