Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ3DZ53 Datasheet (PDF) - Sharp Corporation

PQ3DZ53 Datasheet PDF - Sharp Corporation
Part # PQ3DZ53
Download  PQ3DZ53 Download
File Size   97.55 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator

PQ3DZ53 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ3DZ53 Datasheet PDF - Sharp Corporation

Part # PQ3DZ53
Download  PQ3DZ53 Click to download

File Size   97.55 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator

PQ3DZ53 Datasheet (HTML) - Sharp Corporation


PQ3DZ53 Product details

0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator

■  Features
● Low power-loss (Dropout voltage : MAX. 0.5V)
● Surface mount package (equivalent to SC-63)
● Available 3.3V, 5V, 9V, 12V output type
● Output current (0.5A : PQ05DZ51 series/PQ3DZ53) (1.0A : PQ05DZ11 series/PQ3DZ13)
● Output voltage precision : ±3.0%
● Built-in ON/OFF control function
● Low dissipation current at OFF-state (Iqs : MAX. 5µA)
● Built-in overcurrent protection, overheat protection function, ASO protection function
● Available tape-packaged products
   (ø330mm reel : 3 000 pcs., PQ05DZ5U/1Useries, PQ3DZ53U/13U)

■  Applications
● Personal computers
● CD-ROM drives
● Power supplies for various OA equipment




Similar Part No. - PQ3DZ53

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ3DZ53 SHARP-PQ3DZ53 Datasheet
19Kb / 2P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results


Similar Description - PQ3DZ53

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05DZ51 SHARP-PQ05DZ51 Datasheet
19Kb / 2P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20WZ51 SHARP-PQ20WZ51 Datasheet
65Kb / 6P
Variable Output, General Purpose, Surface Mount Type Power-Loss Voltage Regulator
PQ05VY3H3Z SHARP-PQ05VY3H3Z Datasheet
89Kb / 9P
Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulator
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
2.0A Output Type Low Power-Loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ035ZN01ZPH SHARP-PQ035ZN01ZPH Datasheet
152Kb / 6P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulator
PQ035ZN1HZPH SHARP-PQ035ZN1HZPH Datasheet
270Kb / 4P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com