Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPH5905 Datasheet (PDF) - Sanyo Semicon Device

CPH5905 Datasheet PDF - Sanyo Semicon Device
Part # CPH5905
Download  CPH5905 Download
File Size   54.65 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications

CPH5905 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPH5905 Datasheet PDF - Sanyo Semicon Device

Part # CPH5905
Download  CPH5905 Click to download

File Size   54.65 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications

CPH5905 Datasheet (HTML) - Sanyo Semicon Device


CPH5905 Product details

TR : NPN Epitaxial Planar Silicon Transistor
FET : N-Channel Silicon Junction FET

Features
• Composite type with J-FET and NPN transistors contained in the CPH5 package, improving the mounting efficiency greatly
• The CPH5905 contains a 2SK3357-equivalent chip and a 2SC4639-equivalent chip in one package
• Drain and emitter are shared




Similar Part No. - CPH5905

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5905 SANYO-CPH5905 Datasheet
71Kb / 6P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
logo
ON Semiconductor
CPH5905 ONSEMI-CPH5905 Datasheet
424Kb / 8P
N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type, CPH5
August, 2013
logo
Sanyo Semicon Device
CPH5905G-TL-E SANYO-CPH5905G-TL-E Datasheet
534Kb / 8P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
logo
ON Semiconductor
CPH5905G-TL-E ONSEMI-CPH5905G-TL-E Datasheet
424Kb / 8P
N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type, CPH5
August, 2013
logo
Sanyo Semicon Device
CPH5905H-TL-E SANYO-CPH5905H-TL-E Datasheet
534Kb / 8P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
More results


Similar Description - CPH5905

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5902 SANYO-CPH5902 Datasheet
66Kb / 6P
High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
MCH5908 SANYO-MCH5908 Datasheet
52Kb / 4P
High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901 Datasheet
106Kb / 6P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5905 SANYO-CPH5905_05 Datasheet
71Kb / 6P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901_12 Datasheet
534Kb / 8P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5902 SANYO-CPH5902_12 Datasheet
547Kb / 8P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
CPH5905 SANYO-CPH5905_12 Datasheet
534Kb / 8P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com