Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet (PDF) - Cirrus Logic

CS5464 Datasheet PDF - Cirrus Logic
Part # CS5464
Download  CS5464 Download
File Size   795.14 Kbytes
Page   46 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Three-channel, Single-phase Power/Energy IC

CS5464 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5464 Datasheet PDF - Cirrus Logic

Part # CS5464
Download  CS5464 Click to download

File Size   795.14 Kbytes
Page   46 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Three-channel, Single-phase Power/Energy IC

CS5464 Datasheet (HTML) - Cirrus Logic


CS5464 Product details

Description
The CS5464 is an integrated power measurement device which combines three ∆Σ analog-to-digital converters, power calculation engine, energy-to-frequency converter, and a serial interface on a single chip. It is designed to accurately measure instantaneous current and voltage and calculate VRMS, IRMS, instantaneous power, active power, apparent power, and reactive power for high-performance power measurement applications.

Features
• Energy Data Linearity: ±0.1% of Reading over 1000:1 Dynamic Range
• On-chip Functions:
    - Instantaneous Voltage, Current, and Power
    - IRMS and VRMS, Active, Reactive, and Apparent Power
    - Current Fault and Voltage Sag Detect
    - System Calibrations / Phase Compensation
    - Temperature Sensor
    - Energy-to-pulse Conversion
    - Positive-only Accumulation Mode
• Meets Accuracy Spec for IEC, ANSI, & JIS
• Low Power Consumption
• Tamper Detection in 2-Wire Distribution Systems
• GND-referenced Signals with Single Supply
• On-chip 2.5 V Reference (25 ppm/°C typ)
• Power Supply Monitor
• Simple Three-wire Digital Serial Interface
• “Auto-boot” Mode from Serial E2PROM.
• Power Supply Configurations
    VA+ = +5 V; AGND = 0 V; VD+ = +3.3 V to +5 V




Similar Part No. - CS5464

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5464 CIRRUS-CS5464 Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464-IS CIRRUS-CS5464-IS Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464-ISZ CIRRUS-CS5464-ISZ Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464-ISZ CIRRUS-CS5464-ISZ Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
More results


Similar Description - CS5464

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
logo
List of Unclassifed Man...
SA9904B ETC-SA9904B Datasheet
106Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Sames
SA9904A SAMES-SA9904A Datasheet
160Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Cirrus Logic
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
logo
Sames
SA9904B SAMES-SA9904B Datasheet
279Kb / 12P
Three Phase Power Energy IC with SPI
logo
Cirrus Logic
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
Three Channel Energy Measurement IC
logo
Sames
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com