Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWDASPA1.EC Datasheet (PDF) - ams AG

GWDASPA1.EC Datasheet PDF - ams AG
Part # GWDASPA1.EC
Download  GWDASPA1.EC Download
File Size   1283.08 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.

GWDASPA1.EC Datasheet (PDF)

Go To PDF Page Download Datasheet
GWDASPA1.EC Datasheet PDF - ams AG

Part # GWDASPA1.EC
Download  GWDASPA1.EC Click to download

File Size   1283.08 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.

GWDASPA1.EC Datasheet (HTML) - ams AG


GWDASPA1.EC Product details

Features:
• Package: SMT package
• Viewing angle at 50 % IV: 130°
• Color: 2700 K - 5000 K (white)
• CRI: min. 80 ( typ. 83 )
• Luminous Flux: typ. 33 lm @ 3000 K
• Luminous efficacy: typ. 110 lm/W @ 3000 K
• Corrosion Robustness: Superior Corrosion
Robustness
• Lumen Maintenance: Test results according to
IESNA LM-80 available




Similar Part No. - GWDASPA1.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
Architectural lighting
GWDASPA1.EC-GUHQ-5U8X-1 OSRAM-GWDASPA1.EC-GUHQ-5U8X-1 Datasheet
1Mb / 26P
Architectural lighting
GWDASPA1.EC-HQHS-5O8Q-1 OSRAM-GWDASPA1.EC-HQHS-5O8Q-1 Datasheet
1Mb / 26P
Architectural lighting
GWDASPA1.EC-HQHS-5R8T-1 OSRAM-GWDASPA1.EC-HQHS-5R8T-1 Datasheet
1Mb / 26P
Architectural lighting
GWDASPA1.EC-HRHT-5H7I-1 OSRAM-GWDASPA1.EC-HRHT-5H7I-1 Datasheet
1Mb / 26P
Architectural lighting
More results


Similar Description - GWDASPA1.EC

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD138PC JIANGHAI-CD138PC Datasheet
1Mb / 4P
EC Screw 85째C Long Lifetime 10.000h High Reliability at High Voltage Highest Currents(Screw)
logo
Lumileds Lighting Compa...
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
High Flux Density and Efficacy
logo
List of Unclassifed Man...
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
High Efficacy VIOLET LED Emitter
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
High Flux Density and Efficacy
20140714
logo
Seoul Semiconductor
SZ5-M2 SEOUL-SZ5-M2 Datasheet
1Mb / 30P
High Lumen Output and Efficacy
SPF0BF0A SEOUL-SPF0BF0A Datasheet
795Kb / 20P
High lumen output and efficacy
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GBDASPA1.13 AMSCO-GBDASPA1.13 Datasheet
1Mb / 22P
High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
Version 1.4
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
GWPULTA1.CM AMSCO-GWPULTA1.CM Datasheet
1Mb / 25P
High-power LED with high performance, superior robustness and long lifetime.
Version 1.4 2022-08-11
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com