Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAFJB6.EM Datasheet (PDF) - ams AG

GWKAFJB6.EM Datasheet PDF - ams AG
Part # GWKAFJB6.EM
Download  GWKAFJB6.EM Download
File Size   1723.87 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.

GWKAFJB6.EM Datasheet (PDF)

Go To PDF Page Download Datasheet
GWKAFJB6.EM Datasheet PDF - ams AG

Part # GWKAFJB6.EM
Download  GWKAFJB6.EM Click to download

File Size   1723.87 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.

GWKAFJB6.EM Datasheet (HTML) - ams AG


GWKAFJB6.EM Product details

Features
- Package: Chip-on-Board
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 3000K - 6500K
- CRI: 80 (min.)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 1940 lm @ 3000 K, 85 °C
- Luminous efficacy: typ. 160 lm/W @ 3000 K, 85 °C





Similar Part No. - GWKAFJB6.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAFJB3.CM OSRAM-GWKAFJB3.CM Datasheet
1Mb / 17P
Downlights
GWKAFJB3.CM-RQRR-27B3 OSRAM-GWKAFJB3.CM-RQRR-27B3 Datasheet
1Mb / 17P
Downlights
GWKAFJB3.CM-RQRR-27S3 OSRAM-GWKAFJB3.CM-RQRR-27S3 Datasheet
1Mb / 17P
Downlights
GWKAFJB3.CM-RRRS-30B3 OSRAM-GWKAFJB3.CM-RRRS-30B3 Datasheet
1Mb / 17P
Downlights
GWKAFJB3.CM-RRRS-30S3 OSRAM-GWKAFJB3.CM-RRRS-30S3 Datasheet
1Mb / 17P
Downlights
More results


Similar Description - GWKAFJB6.EM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
Specifically designed for Automotive applications
AUIRFR4620 IRF-AUIRFR4620 Datasheet
241Kb / 12P
Specifically designed for Automotive applications
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
Specifically designed for Automotive applications
logo
Littelfuse
C-III LITTELFUSE-C-III Datasheet
1Mb / 10P
The C-III Varistor Series of Metal-Oxide Varistors are specifically designed for applications requiring high
logo
Pentair plc. All rights...
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
WPX-BB PENTAIR-WPX-BB Datasheet
206Kb / 2P
DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
logo
ams AG
GWCAGJL1.HM AMSCO-GWCAGJL1.HM Datasheet
1Mb / 18P
The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.1 2023-04-12
GWKAFHB6.CM AMSCO-GWKAFHB6.CM Datasheet
1Mb / 20P
The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.4 2023-07-11
GWKANJB6.CM AMSCO-GWKANJB6.CM Datasheet
1Mb / 20P
The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.3 2023-04-11
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com