Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWP9LR35.EM Datasheet (PDF) - ams AG

GWP9LR35.EM Datasheet PDF - ams AG
Part # GWP9LR35.EM
Download  GWP9LR35.EM Download
File Size   1197.36 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.

GWP9LR35.EM Datasheet (PDF)

Go To PDF Page Download Datasheet
GWP9LR35.EM Datasheet PDF - ams AG

Part # GWP9LR35.EM
Download  GWP9LR35.EM Click to download

File Size   1197.36 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.

GWP9LR35.EM Datasheet (HTML) - ams AG


GWP9LR35.EM Product details

Features:
—Package: white SMT package, colored diffused silicone resin
—Typ. Radiation: 120° (Lambertian emitter)
—Color temperature: 3000K - 5700K
—CRI: 80 (min.), 82 (typ.), R9: -7 (min.)
—ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
—Luminous Flux: typ. 197 lm @ 4000 K
—Luminous efficacy: typ. 197 lm/W @ 4000 K





Similar Part No. - GWP9LR35.EM

ManufacturerPart #DatasheetDescription
logo
ams AG
GWP9LR35.PM AMSCO-GWP9LR35.PM Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
GWP9LR35.PM-L9M5-XX510-1 AMSCO-GWP9LR35.PM-L9M5-XX510-1 Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
GWP9LR35.PM-M1M5-XX58-1 AMSCO-GWP9LR35.PM-M1M5-XX58-1 Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
GWP9LR35.PM-M3M4-XX52-1 AMSCO-GWP9LR35.PM-M3M4-XX52-1 Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
GWP9LR35.PM-M3M8-XX51-1 AMSCO-GWP9LR35.PM-M3M8-XX51-1 Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
More results


Similar Description - GWP9LR35.EM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4192 STMICROELECTRONICS-AN4192 Datasheet
4Mb / 47P
In the latest generation of CPUs for modern desktop and notebook platforms
13-Nov-2012
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
The Best Efficacy in Mid Power LEDs
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
logo
Lumileds Lighting Compa...
WP32 LUMILEDS-WP32 Datasheet
1Mb / 5P
An approach to enable high efficacy high color rendering performance LEDs for illumination
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
GRPSLM31.23 AMSCO-GRPSLM31.23 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime. Ideal choice for indoor General Lighting applications.
Version 1.5 2020-11-23
GWP7LM32.PM AMSCO-GWP7LM32.PM Datasheet
1Mb / 22P
DURIS® S 10, latest addition of chip-array SMD family, creates a single spot light design with excellent color uniformity appearance.
Version 1.2 2020-03-18
GWP9LR35.PM AMSCO-GWP9LR35.PM Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com