Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KODELLS1.22 Datasheet (PDF) - ams AG

KODELLS1.22 Datasheet PDF - ams AG
Part # KODELLS1.22
Download  KODELLS1.22 Download
File Size   1894.41 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.

KODELLS1.22 Datasheet (PDF)

Go To PDF Page Download Datasheet
KODELLS1.22 Datasheet PDF - ams AG

Part # KODELLS1.22
Download  KODELLS1.22 Click to download

File Size   1894.41 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.

KODELLS1.22 Datasheet (HTML) - ams AG


KODELLS1.22 Product details

Features
- Package: white SMT package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 606 nm (● orange)
- Corrosion Robustness Class: 2B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - KODELLS1.22

ManufacturerPart #DatasheetDescription
logo
ams AG
KODELMS1.22 AMSCO-KODELMS1.22 Datasheet
1Mb / 23P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
KODELMS1.22-SGTH-24-E6L6 AMSCO-KODELMS1.22-SGTH-24-E6L6 Datasheet
1Mb / 23P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
logo
OSRAM GmbH
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
Automotive Interior Lighting
More results


Similar Description - KODELLS1.22

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2525 INFINEON-PMB2525 Datasheet
148Kb / 2P
The Industry?셲 Highest Performance GPS Receiver in the smallest package yet.
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
STMicroelectronics
AN4102 STMICROELECTRONICS-AN4102 Datasheet
174Kb / 16P
Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
21-Dec-2012
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
logo
ams AG
KBDELPS2.D2 AMSCO-KBDELPS2.D2 Datasheet
1Mb / 25P
The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
Version 1.1 2022-11-16
KODELMS1.22 AMSCO-KODELMS1.22 Datasheet
1Mb / 23P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
KSDELLS1.22 AMSCO-KSDELLS1.22 Datasheet
1Mb / 24P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
KTDELMS1.12 AMSCO-KTDELMS1.12 Datasheet
1Mb / 23P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.8 2022-11-25
KYDELLS1.22 AMSCO-KYDELLS1.22 Datasheet
1Mb / 24P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.7 2023-05-12
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com