Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KREGLP41.22 Datasheet (PDF) - ams AG

KREGLP41.22 Datasheet PDF - ams AG
Part # KREGLP41.22
Download  KREGLP41.22 Download
File Size   1610.47 Kbytes
Page   20 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Chip LED 0402

KREGLP41.22 Datasheet (PDF)

Go To PDF Page Download Datasheet
KREGLP41.22 Datasheet PDF - ams AG

Part # KREGLP41.22
Download  KREGLP41.22 Click to download

File Size   1610.47 Kbytes
Page   20 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Chip LED 0402

KREGLP41.22 Datasheet (HTML) - ams AG


KREGLP41.22 Product details

Features
- Package: SMT package 0402, colorless diffused resin
- Chip technology: InGaAlP
- Typ. Radiation: 75° (horizontal), 140° (vertical)
- Color: λdom = 624.0 nm (● red)





Similar Part No. - KREGLP41.22

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KREGLP41.22 OSRAM-KREGLP41.22 Datasheet
1Mb / 19P
Electronic Equipment
KREGLP41.22-PR-AD OSRAM-KREGLP41.22-PR-AD Datasheet
1Mb / 19P
Electronic Equipment
More results


Similar Description - KREGLP41.22

ManufacturerPart #DatasheetDescription
logo
QT-Brightek Corp.
QBLP595-2IB5 QTB-QBLP595-2IB5 Datasheet
794Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG-2897 QTB-QBLP595-IG-2897 Datasheet
868Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG5-2897 QTB-QBLP595-IG5-2897 Datasheet
786Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG5 QTB-QBLP595-IG5 Datasheet
786Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IW-2897 QTB-QBLP595-IW-2897 Datasheet
778Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-IW-SW QTB-QBLP595-IW-SW Datasheet
725Kb / 10P
0402 SMD Chip LED
Version 1.1
QBLP595-IW5-2897 QTB-QBLP595-IW5-2897 Datasheet
824Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-IW5 QTB-QBLP595-IW5 Datasheet
821Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-R-2897 QTB-QBLP595-R-2897 Datasheet
817Kb / 9P
0402 SMD Chip LED
Version 1.2
QBLP595 QTB-QBLP595 Datasheet
969Kb / 12P
0402 SMD Chip LED
Version 1.3
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com