Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBDWLM32.32 Datasheet (PDF) - ams AG

KRTBDWLM32.32 Datasheet PDF - ams AG
Part # KRTBDWLM32.32
Download  KRTBDWLM32.32 Download
File Size   2475.85 Kbytes
Page   33 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The OSIRE E3323 is designed for automotive ambient applications.

KRTBDWLM32.32 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRTBDWLM32.32 Datasheet PDF - ams AG

Part # KRTBDWLM32.32
Download  KRTBDWLM32.32 Click to download

File Size   2475.85 Kbytes
Page   33 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The OSIRE E3323 is designed for automotive ambient applications.

KRTBDWLM32.32 Datasheet (HTML) - ams AG


KRTBDWLM32.32 Product details

Features
- Package: white SMD package, colorless clear silicone resin
- Chip technology: Thinfilm / ThinGaN
- Color: λdom = 626 nm (● red); λdom = 533 nm (● true green); λdom = 462 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Measurement data available via DMC





Similar Part No. - KRTBDWLM32.32

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRTBDWLM32.32 OSRAM-KRTBDWLM32.32 Datasheet
2Mb / 33P
The OSIRE E3323 is designed for automotive ambient applications.
Version 1.3 2023-03-09
More results


Similar Description - KRTBDWLM32.32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7343-2USRC ETC1-7343-2USRC Datasheet
87Kb / 5P
The series is specially designed for applications requiring higher brightness.
logo
International Rectifier
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
Specifically designed for Automotive applications
AUIRFR4620 IRF-AUIRFR4620 Datasheet
241Kb / 12P
Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
Specifically designed for Automotive applications
logo
E-Tech Electronics LTD
G8550S ETL-G8550S Datasheet
177Kb / 3P
The G8550S is designed for general purpose amplifier applications
G9014 ETL-G9014 Datasheet
184Kb / 3P
The G9014 is designed for general purpose amplifier applications
GMBTA06 ETL-GMBTA06 Datasheet
233Kb / 2P
The GMBTA06 is designed for general purpose amplifier applications
GMSD1664 ETL-GMSD1664 Datasheet
193Kb / 2P
The GMSD1664 is designed for general purpose amplifier applications.
GS123 ETL-GS123 Datasheet
157Kb / 2P
The GS123 is designed for general purpose amplifier applications.
GSB1694 ETL-GSB1694 Datasheet
125Kb / 2P
The GSB1694 is designed for general purpose amplifier applications
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com