Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDCLMS2.EC-CXCZ-4A7D-1 Datasheet (PDF) - ams AG

KWDCLMS2.EC-CXCZ-4A7D-1 Datasheet PDF - ams AG
Part # KWDCLMS2.EC-CXCZ-4A7D-1
Download  KWDCLMS2.EC-CXCZ-4A7D-1 Download
File Size   1113.58 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.

KWDCLMS2.EC-CXCZ-4A7D-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
KWDCLMS2.EC-CXCZ-4A7D-1 Datasheet PDF - ams AG

Part # KWDCLMS2.EC-CXCZ-4A7D-1
Download  KWDCLMS2.EC-CXCZ-4A7D-1 Click to download

File Size   1113.58 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.

KWDCLMS2.EC-CXCZ-4A7D-1 Datasheet (HTML) - ams AG


KWDCLMS2.EC-CXCZ-4A7D-1 Product details

Features:
—Package: white SMT package, colored silicone resin
—Chip technology: InGaN on Sapphire
—Typ. Radiation: 120° (Lambertian emitter)
—Color: Cx = 0.35, Cy = 0.35 acc. to CIE 1931 (● white)
—Corrosion Robustness Class: 1B
—Color temperature: 4000K - 8000K
—CRI: 80 (min.)
—ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KWDCLMS2.EC-CXCZ-4A7D-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDCLMS1.PC OSRAM-KWDCLMS1.PC Datasheet
1Mb / 25P
White Goods Lighting
More results


Similar Description - KWDCLMS2.EC-CXCZ-4A7D-1

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-8-36CKM ECS-ECS-160-8-36CKM Datasheet
507Kb / 2P
The miniature ECX-2236 is a very compact SMD Crystal
ECX-53R ECS-ECX-53R Datasheet
155Kb / 1P
The ECX-53B is a miniature SMD Crystal with a 3.2 x 5 mm footprint. This package is ideal for todays compact wireless wireless
CSM-8Q ECS-CSM-8Q_17 Datasheet
552Kb / 2P
The CSM-8Q is a compact SMD Crystal with a 7.0 x 5.0 mm footprint
ECX-1247 ECS-ECX-1247_17 Datasheet
606Kb / 2P
The sub miniature ECX-1247 is a very compact SMD Crystal
ECX-1247Q ECS-ECX-1247Q_17 Datasheet
605Kb / 2P
The ECX-1247Q is a very compact SMD Crystal with a 1.6 x 1.2 mm footprint
ECX-34Q ECS-ECX-34Q_17 Datasheet
529Kb / 2P
very compact SMD Tuning Fork Crystal with a 3.2 x 1.5 mm footprint
ECX-1637 ECS-ECX-1637_17 Datasheet
556Kb / 2P
The sub miniature ECX-1637 is a very compact SMD Crystal
logo
International Rectifier
IRDC3823-P1V2 IRF-IRDC3823-P1V2 Datasheet
4Mb / 17P
The IR3823 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 3.5mm X 3.5 mm Power QFN package.
logo
ECS, Inc.
ECX-1247B ECS-ECX-1247B Datasheet
434Kb / 2P
The sub miniature ECX-1247B is a very compact SMD Crystal
ECX-34Q ECS-ECX-34Q_V01 Datasheet
310Kb / 2P
The ECX-34Q is a very compact SMD Tuning Fork Crystal with a 3.2 x 1.5 mm footprint. AEC-Q200 Qualified.
Rev.2022
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com