Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCBM67S Datasheet (PDF) - ams AG

LCBM67S Datasheet PDF - ams AG
Part # LCBM67S
Download  LCBM67S Download
File Size   1739.25 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description LCB M67S CoD blue IB

LCBM67S Datasheet (PDF)

Go To PDF Page Download Datasheet
LCBM67S Datasheet PDF - ams AG

Part # LCBM67S
Download  LCBM67S Click to download

File Size   1739.25 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description LCB M67S CoD blue IB

LCBM67S Datasheet (HTML) - ams AG


LCBM67S Product details

Features
- Package: white SMT package, colored diffused resin
- Chip technology: InGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.2, Cy = 0.3 acc. to CIE 1931 (● color on demand blue)
- Corrosion Robustness Class: 3B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LCBM67S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBM67S-K2M1-2J8L OSRAM-LCBM67S-K2M1-2J8L Datasheet
621Kb / 23P
Automotive Interior Lighting
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
More results


Similar Description - LCBM67S

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
364776 ERNI-364776 Datasheet
112Kb / 1P
Messerleiste M12 8pol.A Cod
100203210014 ERNI-100203210014 Datasheet
90Kb / 1P
Federleiste M12 D Cod
100303210054 ERNI-100303210054 Datasheet
131Kb / 1P
Federleiste M12 A Cod
101303210011 ERNI-101303210011 Datasheet
90Kb / 1P
Federleiste M12 D Cod.
101603210011 ERNI-101603210011 Datasheet
117Kb / 1P
Federleiste M12 A Cod.
logo
Wurth Elektronik GmbH &...
S14100035 WURTH-S14100035 Datasheet
229Kb / 2P
TOROIDAL LINE CHOKE WE-LCB
logo
Adels-Contact
542152 ADELS-542152 Datasheet
115Kb / 1P
LCB 50/ 2 white
542153 ADELS-542153 Datasheet
115Kb / 1P
LCB 50/ 3 white
542162 ADELS-542162 Datasheet
117Kb / 1P
LCB 50/ 2 black
542163 ADELS-542163 Datasheet
117Kb / 1P
LCB 50/ 3 black
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com