Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATT3000 Datasheet (PDF) - List of Unclassifed Manufacturers

ATT3000 Datasheet PDF - List of Unclassifed Manufacturers
Part # ATT3000
Download  ATT3000 Download
File Size   498.9 Kbytes
Page   80 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Field-Programmable Gate Arrays

ATT3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATT3000 Datasheet PDF - List of Unclassifed Manufacturers

Part # ATT3000
Download  ATT3000 Click to download

File Size   498.9 Kbytes
Page   80 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Field-Programmable Gate Arrays

ATT3000 Datasheet (HTML) - List of Unclassifed Manufacturers


ATT3000 Product details

[Lucent Technologies Inc.]

Description
The CMOS ATT3000 Series Field-Programmable Gate Array (FPGA) family provides a group of highdensity, digital integrated circuits. Their regular, extendable, flexible, user-programmable array architecture is composed of a configuration program store plus three types of configurable elements: a perimeter of I/O blocks, a core array of logic blocks, and resources for interconnection. The general structure of an FPGA is shown in Figure 1.

Features
■ High performance:
   — Up to 270 MHz toggle rates
   — 4-input LUT delays <2.7 ns
■ User-programmable gate arrays
   — Unlimited reprogrammability
   — Easy design iteration through in-system logic changes
■ Flexible array architecture:
   — Compatible arrays ranging from 1500 to 6000 gate logic complexity
   — Extensive register, combinatorial, and I/O capabilities
   — Low-skew clock nets
   — High fan-out signal distribution
   — Internal 3-state bus capabilities
   — TTL or CMOS input thresholds
   — On-chip oscillator amplifier
■ Standard product availability:
   — Low-power 0.55 µm CMOS, static memory technology
   — Pin-for-pin compatible with Xilinx* XC3000* and XC3100* families
   — Cost-effective for volume production
   — 100% factory pretested
   — Selectable configuration modes
■ ORCA™ Foundry for ATT3000 Development System support
■ All FPGAs processed on a QML-certified line
■ Extensive packaging options




Similar Part No. - ATT3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATT3209 ETC1-ATT3209 Datasheet
637Kb / 10P
Temperature Compensating Gamma Trimster TM ATT3209
More results


Similar Description - ATT3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
Field-Programmable Gate Arrays
December 2000
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
Coprocessor Field Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
3C and 3T Field-Programmable Gate Arrays
June 1999
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
Field Programmable Gate Arrays
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
XC4000XLA/XV Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
Field Programmable Gate Arrays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com