Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4851 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC4851 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC4851
Download  74HC4851 Download
File Size   310.08 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-channel analog multiplexer/demultiplexer with injection-current effect control

74HC4851 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4851 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC4851
Download  74HC4851 Click to download

File Size   310.08 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-channel analog multiplexer/demultiplexer with injection-current effect control

74HC4851 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC4851 Product details

1. General description
The 74HC4851; 74HCT4851 are high-speed Si-gate CMOS devices and are specified in
compliance with JEDEC standard no. 7A.
The 74HC4851; 74HCT4851 are 8-channel analog multiplexers/demultiplexers with three digital
select inputs (S0 to S2), an active-LOW enable input (E), eight independent inputs/outputs (Y0
to Y7) and a common input/output (Z). The devices feature injection-current effect control, which
has excellent value in automotive applications where voltages in excess of the supply voltage are
common.
With E LOW, one of the eight switches is selected (low impedance ON-state) by S0 to S2.
With E HIGH, all switches are in the high-impedance OFF-state, independent of S0 to S2.
The injection-current effect control allows signals at disabled analog input channels to exceed the
supply voltage without affecting the signal of the enabled analog channel. This eliminates the need
for external diode/resistor networks typically used to keep the analog channel signals within the
supply-voltage range.
2. Features and benefits
• Injection-current cross coupling < 1 mV/mA
• Wide supply voltage range from 2.0 V to 6.0 V for 74HC4851
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• CDM JESD22-C101C exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD 78 Class II level A
• Low ON-state resistance:
• 400 Ω (typical) at VCC = 2.0 V
• 215 Ω (typical) at VCC = 3.0 V
• 120 Ω (typical) at VCC = 3.3 V
• 76 Ω (typical) at VCC = 4.5 V
• 59 Ω (typical) at VCC = 6.0 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Analog multiplexing and demultiplexing
• Digital multiplexing and demultiplexing
• Signal gating




Similar Part No. - 74HC4851

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4851 NXP-74HC4851 Datasheet
114Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
logo
NXP Semiconductors
74HC4851BQ NXP-74HC4851BQ Datasheet
114Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HC4851BQ-Q100 NXP-74HC4851BQ-Q100 Datasheet
260Kb / 21P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
More results


Similar Description - 74HC4851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4851-Q1 TI-SN74HC4851-Q1 Datasheet
294Kb / 15P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com