Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AONS32314 Datasheet (PDF) - Inchange Semiconductor Company Limited

AONS32314 Datasheet PDF - Inchange Semiconductor Company Limited
Part # AONS32314
Download  AONS32314 Download
File Size   297.18 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

AONS32314 Datasheet (PDF)

Go To PDF Page Download Datasheet
AONS32314 Datasheet PDF - Inchange Semiconductor Company Limited

Part # AONS32314
Download  AONS32314 Click to download

File Size   297.18 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

AONS32314 Datasheet (HTML) - Inchange Semiconductor Company Limited


AONS32314 Product details

DESCRIPTION
·Drain Current –ID=32A@ TC=25℃
·Drain Source Voltage- VDSS= 30V(Min)
·100% avalanche tested
·Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·Synchronous Rectification in SMPS
·Switching converters,motor driver,relay driver
·Power Tools
·UPS
·Motor Control




Similar Part No. - AONS32314

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AONS32302 AOSMD-AONS32302 Datasheet
372Kb / 6P
30V N-Channel MOSFET
Rev.2.1: August 2022
AONS32303 AOSMD-AONS32303 Datasheet
448Kb / 6P
30V N-Channel MOSFET
Rev.1.0: September 2021
AONS32304 AOSMD-AONS32304 Datasheet
429Kb / 6P
30V N-Channel MOSFET
Rev.1.1: July 2018
More results


Similar Description - AONS32314

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com