Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA0527005F Datasheet (PDF) - WOLFSPEED, INC.

CMPA0527005F Datasheet PDF - WOLFSPEED, INC.
Part # CMPA0527005F
Download  CMPA0527005F Download
File Size   1372.08 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT

CMPA0527005F Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA0527005F Datasheet PDF - WOLFSPEED, INC.

Part # CMPA0527005F
Download  CMPA0527005F Click to download

File Size   1372.08 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT

CMPA0527005F Datasheet (HTML) - WOLFSPEED, INC.


CMPA0527005F Product details

Description
CMPA0527005F is a packaged gallium nitride (GaN) High Electron
Mobility Transistor (HEMT) based monolithic microwave integrated
circuit (MMIC). This device is matched to 50 ohms at the input and
unmatched at the output. This device operates from a 50 V rail
and is intended to be used as a predriver from 0.5 to 2.7 GHz. The
transistor is available in a 6 leaded flange package.
Features
• Up to 2.7 GHz Operation
• 8 W Typical Output Power
• 20 dB Small Signal Gain
• Application Circuit for 0.5 - 2.7 GHz
• 50% Efficiency
• 50 V Operation




Similar Part No. - CMPA0527005F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA0527005F CREE-CMPA0527005F Datasheet
1,011Kb / 12P
5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
More results


Similar Description - CMPA0527005F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
100 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 3.0
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
CMPA0527005F CREE-CMPA0527005F Datasheet
1,011Kb / 12P
5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
CMPA0530002S CREE-CMPA0530002S Datasheet
1Mb / 20P
2 W, 0.5 - 3.0 GHz, 28 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com