Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA261701FA-V1-R2 Datasheet (PDF) - WOLFSPEED, INC.

GTVA261701FA-V1-R2 Datasheet PDF - WOLFSPEED, INC.
Part # GTVA261701FA-V1-R2
Download  GTVA261701FA-V1-R2 Download
File Size   750.06 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 – 2690 MHz

GTVA261701FA-V1-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTVA261701FA-V1-R2 Datasheet PDF - WOLFSPEED, INC.

Part # GTVA261701FA-V1-R2
Download  GTVA261701FA-V1-R2 Click to download

File Size   750.06 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 – 2690 MHz

GTVA261701FA-V1-R2 Datasheet (HTML) - WOLFSPEED, INC.


GTVA261701FA-V1-R2 Product details

Description
The GTVA261701FA is a 170-watt (P3dB) GaN on SiC high electron
mobility transistor (HEMT) for use in multi-standard cellular power
amplifier applications. It features input matching, high efficiency, and
a thermally-enhanced package with earless flange.
Features
• GaN on SiC HEMT technology
• Input Matched
• Typical CW performance, 2690 MHz, 48 V, single side
- Output power at P3dB = 170 W
- Efficiency = 75%
- Gain = 15 dB
• Human Body Model, Class 1B (per ANSI/ESDA/
JEDEC JS-001)
• Capable of handling 10:1 VSWR @48 V, 40 W (CW)
output power
• RoHS-compliant




Similar Part No. - GTVA261701FA-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
GTVA261701FA INFINEON-GTVA261701FA Datasheet
858Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-05-29
logo
Cree, Inc
GTVA261701FA CREE-GTVA261701FA Datasheet
591Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 ??2690 MHz
logo
Infineon Technologies A...
GTVA261701FA INFINEON-GTVA261701FA_15 Datasheet
858Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-05-29
More results


Similar Description - GTVA261701FA-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA261701FA CREE-GTVA261701FA Datasheet
591Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 ??2690 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
GTVA262701FA CREE-GTVA262701FA Datasheet
489Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 ??2690 MHz
GTVA262711FA CREE-GTVA262711FA Datasheet
464Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTVA262701FA_V2 WOLFSPEED-GTVA262701FA_V2 Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTVA261802FC WOLFSPEED-GTVA261802FC Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
GTVA262701FA WOLFSPEED-GTVA262701FA Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTVA262711FA WOLFSPEED-GTVA262711FA Datasheet
594Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 – 2690 MHz
Rev. 04.4, 2022-1-27
GTVA263202FC WOLFSPEED-GTVA263202FC Datasheet
632Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 – 2690 MHz
Rev. 04.1, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com