Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC137 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC137 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC137
Download  74HC137 Download
File Size   273.83 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder, demultiplexer with address latches; inverting

74HC137 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC137 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC137
Download  74HC137 Click to download

File Size   273.83 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder, demultiplexer with address latches; inverting

74HC137 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC137 Product details

1. General description
The 74HC137 decodes three binary weighted address inputs (A0, A1 and A2) to eight mutually
exclusive outputs (Y0 to Y7). The device features a latch enable (LE) and two output enable (E1,
E2) inputs. A LOW on LE causes the device to act as an active LOW decoder. A LOW-to HIGH
transition on LE stores the data that was present before the transition in the latches. Further
address changes are ignored as long as LE remains HIGH.
The output enable inputs control the state of the outputs independently of the address inputs or
latch operation. All outputs will be HIGH unless E1 is LOW and E2 is HIGH.
Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VCC.
2. Features and benefits
• Combines 3-to-8 decoder with 3-bit latch
• Multiple input enable for easy expansion or independent controls
• Active LOW mutually exclusive outputs
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +80 °C and from -40 °C to +125 °C.




Similar Part No. - 74HC137

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
72Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
74HC137D PHILIPS-74HC137D Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137DB PHILIPS-74HC137DB Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
More results


Similar Description - 74HC137

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137_1 Datasheet
72Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC137 PHILIPS-74HC137_15 Datasheet
114Kb / 19P
3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com