Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC1GU04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC1GU04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC1GU04
Download  74HC1GU04 Download
File Size   246.1 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single unbuffered inverter

74HC1GU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC1GU04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC1GU04
Download  74HC1GU04 Click to download

File Size   246.1 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single unbuffered inverter

74HC1GU04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC1GU04 Product details

1. General description
The 74HC1GU04 is a single unbuffered inverter. Inputs include clamp diodes. This enables the use
of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• High noise immunity
• Symmetrical output impedance
• CMOS low power dissipation
• Balanced propagation delays
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM EIA/JESD22-A114-A exceeds 2000V
• MM EIA/JESD22-A115-A exceeds 200V
• Specified from -40 °C to 85 °C and -40 °C to 125 °C




Similar Part No. - 74HC1GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1GU04 PHILIPS-74HC1GU04 Datasheet
116Kb / 16P
Inverter
1998 Nov 18
74HC1GU04 NXP-74HC1GU04 Datasheet
97Kb / 12P
Inverter
Rev. 05-10 July 2007
logo
Nexperia B.V. All right...
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
Single unbuffered inverter
logo
NXP Semiconductors
74HC1GU04GV NXP-74HC1GU04GV Datasheet
97Kb / 12P
Inverter
Rev. 05-10 July 2007
logo
Nexperia B.V. All right...
74HC1GU04GV-Q100 NEXPERIA-74HC1GU04GV-Q100 Datasheet
234Kb / 13P
Single unbuffered inverter
More results


Similar Description - 74HC1GU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
65Kb / 6P
Single Unbuffered Inverter
January, 2005 ??Rev. 8
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
Single Unbuffered Inverter
February, 2007 ??Rev. 16
NLU1GU04 ONSEMI-NLU1GU04 Datasheet
98Kb / 8P
Single Unbuffered Inverter
March, 2008 - Rev. 1
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
Single Unbuffered Inverter
February, 2007 ??Rev. 16
NLVVHC1GU04 ONSEMI-NLVVHC1GU04 Datasheet
71Kb / 5P
Single Unbuffered Inverter
November, 2015 ??Rev. 0
MC74HC1GU04 ONSEMI-MC74HC1GU04_11 Datasheet
115Kb / 6P
Single Unbuffered Inverter
May, 2011 ??Rev. 9
logo
Nexperia B.V. All right...
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
Single unbuffered inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_V01 Datasheet
170Kb / 16P
Single Unbuffered Inverter
April, 2022 ??Rev. 23
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
Single unbuffered inverter
Rev. 3 - 4 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com