Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G17 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC2G17 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC2G17
Download  74HC2G17 Download
File Size   252.34 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual non-inverting Schmitt trigger

74HC2G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC2G17 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC2G17
Download  74HC2G17 Click to download

File Size   252.34 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual non-inverting Schmitt trigger

74HC2G17 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC2G17 Product details

1. General description
The 74HC2G17; 74HCT2G17 are dual buffers with Schmitt-trigger inputs. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC. Schmitt trigger inputs transform slowly changing input signals into sharply defined jitter-free
output signals.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Unlimited input rise and fall times
• Balanced propagation delays
• Input levels:
• For 74HC2G17: CMOS level
• For 74HCT2G17: TTL level
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114-D exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Wave and pulse shaper for highly noisy environments
• Astable multivibrators
• Monostable multivibrators




Similar Part No. - 74HC2G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
TECH PUBLIC Electronics...
74HC2G17 TECHPUBLIC-74HC2G17 Datasheet
2Mb / 6P
Dual non-inverting Schmitt trigger
logo
Nexperia B.V. All right...
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
Dual non-inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G17GV PHILIPS-74HC2G17GV Datasheet
96Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
TECH PUBLIC Electronics...
74HC2G17GV TECHPUBLIC-74HC2G17GV Datasheet
2Mb / 6P
Dual non-inverting Schmitt trigger
More results


Similar Description - 74HC2G17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
ON Semiconductor
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
logo
Unisonic Technologies
U74AHCT3G17 UTC-U74AHCT3G17 Datasheet
176Kb / 6P
NON-INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
logo
Nexperia B.V. All right...
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
Dual non-inverting Schmitt trigger
logo
ON Semiconductor
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com