Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2GU04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC2GU04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC2GU04
Download  74HC2GU04 Download
File Size   239.25 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual unbuffered inverter

74HC2GU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC2GU04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC2GU04
Download  74HC2GU04 Click to download

File Size   239.25 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual unbuffered inverter

74HC2GU04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC2GU04 Product details

1. General description
The 74HC2GU04 is a dual unbuffered inverter. Inputs include clamp diodes. This enables the use
of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Balanced propagation delays
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HC2GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
Dual unbuffered inverter
Rev. 01-6 October 2006
74HC2GU04 PHILIPS-74HC2GU04 Datasheet
169Kb / 16P
Dual unbuffered inverter
Rev. 2-20 August 2014
logo
Nexperia B.V. All right...
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04GV NXP-74HC2GU04GV Datasheet
93Kb / 15P
Dual unbuffered inverter
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2GU04GV-Q100 NEXPERIA-74HC2GU04GV-Q100 Datasheet
760Kb / 16P
Dual unbuffered inverter
More results


Similar Description - 74HC2GU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZU04 ONSEMI-NL27WZU04 Datasheet
62Kb / 6P
Dual Unbuffered Inverter
September, 2004 ??Rev. 3
NL27WZU04 ONSEMI-NL27WZU04_07 Datasheet
78Kb / 6P
Dual Unbuffered Inverter
February, 2007 ??Rev. 5
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
Dual unbuffered inverter
Rev. 2-20 August 2014
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
Dual unbuffered inverter
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
Dual unbuffered inverter
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
Dual unbuffered inverter
Rev. 3 - 4 February 2022
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
Dual unbuffered inverter
Rev. 13 - 20 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com