Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC73D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC73D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC73D
Download  74HC73D Download
File Size   245.37 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual JK flip-flop with reset; negative-edge trigger

74HC73D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC73D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC73D
Download  74HC73D Click to download

File Size   245.37 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual JK flip-flop with reset; negative-edge trigger

74HC73D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC73D Product details

1. General description
The 74HC73 is a dual negative edge triggered JK flip-flop with individual J, K, clock (nCP) and
reset (nR) inputs and complementary nQ and nQ outputs. The J and K inputs must be stable
one set-up time prior to the HIGH-to-LOW clock transition for predictable operation. (nR) is
asynchronous, when LOW it overrides the clock and data inputs, forcing the nQ output LOW and
the nQ output HIGH. Schmitt-trigger action in the clock input makes the circuit highly tolerant
to slower clock rise and fall times. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• CMOS low-power dissipation
• Wide supply voltage range from 2.0 to 6.0 V
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +80 °C and from -40 °C to +125 °C




Similar Part No. - 74HC73D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC73D PHILIPS-74HC73D Datasheet
52Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
74HC73D NXP-74HC73D Datasheet
457Kb / 16P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
logo
Nexperia B.V. All right...
74HC73D-Q100 NEXPERIA-74HC73D-Q100 Datasheet
221Kb / 12P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
logo
NXP Semiconductors
74HC73DB PHILIPS-74HC73DB Datasheet
52Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
74HC73DB NXP-74HC73DB Datasheet
457Kb / 16P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
More results


Similar Description - 74HC73D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
December 1990
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
Dual JK flip-flop with reset; negative-edge trigger
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com