Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G07 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G07 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G07
Download  74AUP2G07 Download
File Size   261.12 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual buffer with open-drain output

74AUP2G07 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G07 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G07
Download  74AUP2G07 Click to download

File Size   261.12 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual buffer with open-drain output

74AUP2G07 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G07 Product details

1. General description
The 74AUP2G07 is a dual buffer with open-drain outputs. Schmitt-trigger action at all inputs makes
the circuit tolerant of slower input rise and fall times. This device ensures very low static and
dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully
specified for partial power down applications using IOFF. The IOFF circuitry disables the output,
preventing the potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Low static-power consumption; ICC = 0.9 μA (maximum)
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
74AUP2G07 NXP-74AUP2G07 Datasheet
90Kb / 15P
Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
logo
Diodes Incorporated
74AUP2G07 DIODES-74AUP2G07 Datasheet
443Kb / 12P
DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 4.2
74AUP2G07DW-7 DIODES-74AUP2G07DW-7 Datasheet
443Kb / 12P
DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 4.2
74AUP2G07FW3-7 DIODES-74AUP2G07FW3-7 Datasheet
443Kb / 12P
DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 4.2
More results


Similar Description - 74AUP2G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
Low-power buffer with open-drain output
Rev. 03-17 June 2009
74AUP2G07 NXP-74AUP2G07 Datasheet
90Kb / 15P
Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
Low-power buffer with open-drain output
Rev. 4-2 September 2010
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AXP2G07 PHILIPS-74AXP2G07_15 Datasheet
170Kb / 16P
Low-power dual buffer with open-drain output
Rev. 1-24 September 2014
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
Low-power buffer with open-drain output
74AXP2G07 NEXPERIA-74AXP2G07 Datasheet
830Kb / 17P
Low-power dual buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com