Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G132 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G132 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G132
Download  74AUP2G132 Download
File Size   309.84 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual 2-input NAND Schmitt trigger

74AUP2G132 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G132 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G132
Download  74AUP2G132 Click to download

File Size   309.84 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual 2-input NAND Schmitt trigger

74AUP2G132 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G132 Product details

1. General description
The 74AUP2G132 is a dual 2-input NAND gate with Schmitt-trigger inputs. This device ensures
very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Wave and pulse shaper
• Astable multivibrator
• Monostable multivibrator




Similar Part No. - 74AUP2G132

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G132 NXP-74AUP2G132 Datasheet
111Kb / 19P
Low-power dual 2-input NAND Schmitt trigger
Rev. 03-15 December 2008
74AUP2G132 PHILIPS-74AUP2G132 Datasheet
296Kb / 23P
Low-power dual 2-input NAND Schmitt trigger
Rev. 7-8 February 2013
74AUP2G132DC NXP-74AUP2G132DC Datasheet
111Kb / 19P
Low-power dual 2-input NAND Schmitt trigger
Rev. 03-15 December 2008
74AUP2G132GD NXP-74AUP2G132GD Datasheet
111Kb / 19P
Low-power dual 2-input NAND Schmitt trigger
Rev. 03-15 December 2008
74AUP2G132GM NXP-74AUP2G132GM Datasheet
111Kb / 19P
Low-power dual 2-input NAND Schmitt trigger
Rev. 03-15 December 2008
More results


Similar Description - 74AUP2G132

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
logo
NXP Semiconductors
74AUP1G132 NXP-74AUP1G132 Datasheet
105Kb / 18P
Low-power 2-input NAND Schmitt trigger
Rev. 02-15 June 2009
74AUP2G132 NXP-74AUP2G132 Datasheet
111Kb / 19P
Low-power dual 2-input NAND Schmitt trigger
Rev. 03-15 December 2008
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
logo
NXP Semiconductors
74AUP1G132 PHILIPS-74AUP1G132_15 Datasheet
367Kb / 22P
Low-power 2-input NAND Schmitt trigger
Rev. 5-29 June 2012
74AUP2G132 PHILIPS-74AUP2G132_15 Datasheet
296Kb / 23P
Low-power dual 2-input NAND Schmitt trigger
Rev. 7-8 February 2013
logo
ON Semiconductor
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
logo
Nexperia B.V. All right...
74AUP1G132-Q100 NEXPERIA-74AUP1G132-Q100 Datasheet
238Kb / 14P
Low-power 2-input NAND Schmitt trigger
Rev. 3 - 14 January 2022
74AUP1G132 NEXPERIA-74AUP1G132 Datasheet
286Kb / 19P
Low-power 2-input NAND Schmitt trigger
Rev. 8 - 14 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com