Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G14 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G14 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G14
Download  74AUP2G14 Download
File Size   291.91 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual Schmitt trigger inverter

74AUP2G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G14 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G14
Download  74AUP2G14 Click to download

File Size   291.91 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual Schmitt trigger inverter

74AUP2G14 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G14 Product details

1. General description
The 74AUP2G14 is a dual inverter with Schmitt-trigger inputs. This device ensures very low static
and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is
fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output,
preventing the potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78B Class II
• Low static power consumption; ICC = 0.9 μA (maximum)
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Wave and pulse shaper
• Astable multivibrator
• Monostable multivibrator




Similar Part No. - 74AUP2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G14 NXP-74AUP2G14 Datasheet
106Kb / 18P
Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Diodes Incorporated
74AUP2G14 DIODES-74AUP2G14 Datasheet
427Kb / 12P
DUAL SCHMITT TRIGGER INVERTERS
Rev 4
74AUP2G14DW-7 DIODES-74AUP2G14DW-7 Datasheet
427Kb / 12P
DUAL SCHMITT TRIGGER INVERTERS
Rev 4
74AUP2G14FW3-7 DIODES-74AUP2G14FW3-7 Datasheet
427Kb / 12P
DUAL SCHMITT TRIGGER INVERTERS
Rev 4
74AUP2G14FW4-7 DIODES-74AUP2G14FW4-7 Datasheet
427Kb / 12P
DUAL SCHMITT TRIGGER INVERTERS
Rev 4
More results


Similar Description - 74AUP2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
74AUP2G14 NXP-74AUP2G14 Datasheet
106Kb / 18P
Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
Low-power Schmitt trigger inverter
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
Low-power dual Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com