Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G17 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G17 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G17
Download  74AUP2G17 Download
File Size   266.55 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual Schmitt trigger

74AUP2G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G17 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G17
Download  74AUP2G17 Click to download

File Size   266.55 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual Schmitt trigger

74AUP2G17 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G17 Product details

1. General description
The 74AUP2G17 is a dual buffer with Schmitt-trigger inputs. This device ensures very low static
and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is
fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output,
preventing the potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Low static power consumption; ICC = 0.9 μA (maximum)
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17 Datasheet
104Kb / 18P
Low-power dual Schmitt trigger
Rev. 03-6 July 2009
logo
Diodes Incorporated
74AUP2G17 DIODES-74AUP2G17 Datasheet
426Kb / 12P
DUAL SCHMITT TRIGGER BUFFERS
Rev 4
74AUP2G17DW-7 DIODES-74AUP2G17DW-7 Datasheet
426Kb / 12P
DUAL SCHMITT TRIGGER BUFFERS
Rev 4
74AUP2G17FW3-7 DIODES-74AUP2G17FW3-7 Datasheet
426Kb / 12P
DUAL SCHMITT TRIGGER BUFFERS
Rev 4
More results


Similar Description - 74AUP2G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17_09 Datasheet
104Kb / 18P
Low-power dual Schmitt trigger
Rev. 03-6 July 2009
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
909Kb / 21P
LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
74AUP2G17 PHILIPS-74AUP2G17_15 Datasheet
214Kb / 21P
Low-power dual Schmitt trigger
Rev. 6-4 December 2012
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AXP2G17 NEXPERIA-74AXP2G17 Datasheet
829Kb / 16P
Low-power dual Schmitt trigger
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
Low-power dual Schmitt trigger inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com