Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G32 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G32 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G32
Download  74AUP2G32 Download
File Size   302.94 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual 2-input OR gate

74AUP2G32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G32 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G32
Download  74AUP2G32 Click to download

File Size   302.94 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual 2-input OR gate

74AUP2G32 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G32 Product details

1. General description
The 74AUP2G32 is a dual 2-input OR gate. Schmitt-trigger action at all inputs makes the circuit
tolerant of slower input rise and fall times. This device ensures very low static and dynamic power
consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G32 NXP-74AUP2G32 Datasheet
100Kb / 17P
Low-power dual 2-input OR gate
Rev. 03-8 January 2009
logo
Diodes Incorporated
74AUP2G32 DIODES-74AUP2G32 Datasheet
256Kb / 9P
DUAL OR GATE
Rev 1
logo
NXP Semiconductors
74AUP2G32DC NXP-74AUP2G32DC Datasheet
100Kb / 17P
Low-power dual 2-input OR gate
Rev. 03-8 January 2009
74AUP2G32GD NXP-74AUP2G32GD Datasheet
100Kb / 17P
Low-power dual 2-input OR gate
Rev. 03-8 January 2009
74AUP2G32GM NXP-74AUP2G32GM Datasheet
100Kb / 17P
Low-power dual 2-input OR gate
Rev. 03-8 January 2009
More results


Similar Description - 74AUP2G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G32 PHILIPS-74AUP1G32 Datasheet
83Kb / 16P
Low-power 2-input OR gate
Rev. 01-2 August 2005
74AUP2G32 NXP-74AUP2G32 Datasheet
100Kb / 17P
Low-power dual 2-input OR gate
Rev. 03-8 January 2009
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
logo
Texas Instruments
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
logo
NXP Semiconductors
74AUP2G86GN NXP-74AUP2G86GN Datasheet
214Kb / 21P
Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 7-14 June 2012
74AUP1G32GF NXP-74AUP1G32GF Datasheet
349Kb / 21P
Low-power 2-input OR-gate
Rev. 7-8 July 2013
logo
Nexperia B.V. All right...
74AUP1G32-Q100 NEXPERIA-74AUP1G32-Q100 Datasheet
227Kb / 14P
Low-power 2-input OR-gate
74AXP1G32 NEXPERIA-74AXP1G32 Datasheet
797Kb / 17P
Low-power 2-input OR gate
74AUP1G32 NEXPERIA-74AUP1G32 Datasheet
273Kb / 18P
Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com