Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G34 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G34 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G34
Download  74AUP2G34 Download
File Size   265.85 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual buffer

74AUP2G34 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G34 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G34
Download  74AUP2G34 Click to download

File Size   265.85 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual buffer

74AUP2G34 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G34 Product details

1. General description
The 74AUP2G34 is a dual buffer. Schmitt-trigger action at all inputs makes the circuit tolerant
of slower input rise and fall times. This device ensures very low static and dynamic power
consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Low static power consumption; ICC = 0.9 μA (maximum)
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
Low-power dual buffer
Rev. 02-31 January 2008
logo
Diodes Incorporated
74AUP2G34 DIODES-74AUP2G34 Datasheet
439Kb / 12P
DUAL BUFFERS
Rev 5
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Diodes Incorporated
74AUP2G3404 DIODES-74AUP2G3404 Datasheet
399Kb / 12P
BUFFER AND INVERTER
Rev 4
logo
Nexperia B.V. All right...
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
Low-power buffer and inverter
Rev. 3 - 31 January 2022
More results


Similar Description - 74AUP2G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
Low-power dual buffer/line driver
Rev. 01-9 October 2006
74AUP1T34 NXP-74AUP1T34 Datasheet
107Kb / 19P
Low-power dual supply translating buffer
Rev. 01-4 December 2006
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
Low-power dual buffer
Rev. 02-31 January 2008
logo
Texas Instruments
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
LOW-POWER DUAL BUFFER GATE
logo
NXP Semiconductors
74AUP2G34 PHILIPS-74AUP2G34_15 Datasheet
197Kb / 19P
Low-power dual buffer
Rev. 5-10 January 2013
logo
Texas Instruments
SN74AUP2G07 TI1-SN74AUP2G07_16 Datasheet
1Mb / 26P
Low-Power Dual Buffer/Driver
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
Low-power dual buffer
74AXP2G34 NEXPERIA-74AXP2G34 Datasheet
817Kb / 16P
Low-power dual buffer
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com