Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2GU04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2GU04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2GU04
Download  74AUP2GU04 Download
File Size   263.69 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual unbuffered inverter

74AUP2GU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2GU04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2GU04
Download  74AUP2GU04 Click to download

File Size   263.69 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual unbuffered inverter

74AUP2GU04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2GU04 Product details

1. General description
The 74AUP2GU04 is a dual unbuffered inverter. Schmitt-trigger action at all inputs makes the
circuit tolerant of slower input rise and fall times. This device ensures very low static and dynamic
power consumption across the entire VCC range from 0.8 V to 3.6 V.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Low static power consumption; ICC = 0.9 μA (maximum)
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
Low-power dual unbuffered inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
Low-power dual unbuffered inverter
logo
NXP Semiconductors
74AUP2GU04GF NXP-74AUP2GU04GF Datasheet
99Kb / 16P
Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04GM NXP-74AUP2GU04GM Datasheet
99Kb / 16P
Low-power dual unbuffered inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2GU04GM-Q100 NEXPERIA-74AUP2GU04GM-Q100 Datasheet
235Kb / 14P
Low-power dual unbuffered inverter
More results


Similar Description - 74AUP2GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
Low-power unbuffered inverter
Rev. 01-10 August 2005
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
Dual unbuffered inverter
Rev. 01-6 October 2006
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
Low-power dual unbuffered inverter
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
Low-power unbuffered inverter
Rev. 8 - 2 November 2022
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
Dual unbuffered inverter
Rev. 13 - 20 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com