Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC2T45 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC2T45 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC2T45
Download  74AVC2T45 Download
File Size   362.71 Kbytes
Page   25 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual-bit, dual-supply voltage level translator/transceiver; 3-state

74AVC2T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC2T45 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC2T45
Download  74AVC2T45 Click to download

File Size   362.71 Kbytes
Page   25 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual-bit, dual-supply voltage level translator/transceiver; 3-state

74AVC2T45 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC2T45 Product details

1. General description
The 74AVC2T45 is a dual-bit, dual-supply transceiver that enables bidirectional level translation.
It features two data input-output ports (nA and nB), a direction control input (DIR) and dual-supply
pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any voltage between 0.8 V
and 3.6 V making the device suitable for translating between any of the low voltage nodes
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins nA and DIR are referenced to VCC(A) and pins nB
are referenced to VCC(B). A HIGH on DIR allows transmission from nA to nB and a LOW on DIR
allows transmission from nB to nA.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In Suspend mode when either VCC(A) or VCC(B) are at GND level, both A and B are
in the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.8 V to 3.6 V
• VCC(B): 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3B exceeds 8000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Maximum data rates:
• 500 Mbit/s (1.8 V to 3.3 V translation)
• 320 Mbit/s (<1.8 V to 3.3 V translation)
• 320 Mbit/s (translate to 2.5 V or 1.8 V)
• 280 Mbit/s (translate to 1.5 V)
• 240 Mbit/s (translate to 1.2 V)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AVC2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVC2T45 NXP-74AVC2T45 Datasheet
167Kb / 32P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
Dual-bit, dual-supply voltage level translator/transceiver 3-state
logo
NXP Semiconductors
74AVC2T45DC NXP-74AVC2T45DC Datasheet
139Kb / 28P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVC2T45DC NXP-74AVC2T45DC Datasheet
167Kb / 32P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
More results


Similar Description - 74AVC2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45DP NXP-74AVC2T45DP Datasheet
249Kb / 27P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com