Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC1G08 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC1G08 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC1G08
Download  74HC1G08 Download
File Size   208.48 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input AND gate

74HC1G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC1G08 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC1G08
Download  74HC1G08 Click to download

File Size   208.48 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input AND gate

74HC1G08 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC1G08 Product details

1. General description
The 74HC1G08; 74HCT1G08 is a single 2-input AND gate. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Symmetrical output impedance
• Balanced propagation delays
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC1G08: CMOS level
• For 74HCT1G08: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74HC1G08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G08 PHILIPS-74HC1G08 Datasheet
73Kb / 16P
2-input AND gate
2002 May 17
74HC1G08 NXP-74HC1G08 Datasheet
76Kb / 11P
2-input AND gate
Rev. 04-17 July 2007
logo
TECH PUBLIC Electronics...
74HC1G08 TECHPUBLIC-74HC1G08 Datasheet
2Mb / 7P
2—input AND Gate
logo
Nexperia B.V. All right...
74HC1G08-Q100 NEXPERIA-74HC1G08-Q100 Datasheet
727Kb / 12P
Automotive product qualification in accordance with AEC-Q100
74HC1G08-Q100 NEXPERIA-74HC1G08-Q100 Datasheet
233Kb / 12P
2-input AND gate
Rev. 6 23 September 2024
More results


Similar Description - 74HC1G08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
2-INPUT AND GATE
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com