Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTGA090304MD Datasheet (PDF) - WOLFSPEED, INC.

PTGA090304MD Datasheet PDF - WOLFSPEED, INC.
Part # PTGA090304MD
Download  PTGA090304MD Download
File Size   1137.22 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz

PTGA090304MD Datasheet (PDF)

Go To PDF Page Download Datasheet
PTGA090304MD Datasheet PDF - WOLFSPEED, INC.

Part # PTGA090304MD
Download  PTGA090304MD Click to download

File Size   1137.22 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz

PTGA090304MD Datasheet (HTML) - WOLFSPEED, INC.


PTGA090304MD Product details

Description
The PTGA090304MD is a wideband, two-stage, LDMOS integrated
power amplifier. Fabricated with Wolfspeed’s 50 V LDMOS process,
it incorporates internal matching for operation from 575 MHz to 960
MHz, and dual independent outputs of 15 W each. It is available in a
14-lead plastic overmold package with gull wing leads.
Features
• On-chip matching for broadband operation
• Designed for ultra wideband performance
• Typical CW performance, 960 MHz, 50 V,
combined outputs
- Output power at P1dB = 45 dBm
- Output power at P3dB = 45.9 dBm
- Linear Gain at P1dB = 31 dB
- Efficiency at P1dB = 48.1%
• Capable of handling 10:1 VSWR @50 V, 30 W CW
output power
• Integrated ESD protection
• Human Body Model Class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Integrated temperature compensation
• Pb-free and RoHS compliant




Similar Part No. - PTGA090304MD

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTGA090304MD CREE-PTGA090304MD Datasheet
506Kb / 7P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 ??960 MHz
More results


Similar Description - PTGA090304MD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC915R2 MOTOROLA-MHVIC915R2 Datasheet
652Kb / 12P
746-960 MHz RF LDMOS Wideband Integrated Power Amplifier
logo
Infineon Technologies A...
PTMC210204MD INFINEON-PTMC210204MD Datasheet
219Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifi er 20 W, 28 V, 1805 ??2200 MHz
Rev. 03, 2016-06-14
logo
Cree, Inc
PTGA090304MD CREE-PTGA090304MD Datasheet
506Kb / 7P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 ??960 MHz
PTMA080152M CREE-PTMA080152M Datasheet
814Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
PTMC210124MD CREE-PTMC210124MD Datasheet
593Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 12 W, 28 V, 1805 ??2200 MHz
PTMC210204MD CREE-PTMC210204MD Datasheet
1Mb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W, 28 V, 1805 ??2200 MHz
PTMC210404MD CREE-PTMC210404MD Datasheet
531Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 ??2200 MHz
PTNC210604MD CREE-PTNC210604MD Datasheet
1Mb / 6P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 ??2200 MHz
logo
WOLFSPEED, INC.
PTMC210404MD WOLFSPEED-PTMC210404MD Datasheet
847Kb / 8P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz
Rev. 04.1, 2022-1-27
PTNC210604MD WOLFSPEED-PTNC210604MD Datasheet
748Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 – 2200 MHz
Rev. 03.5, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com