Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA082808NF Datasheet (PDF) - WOLFSPEED, INC.

PTRA082808NF Datasheet PDF - WOLFSPEED, INC.
Part # PTRA082808NF
Download  PTRA082808NF Download
File Size   677.37 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 – 820 MHz

PTRA082808NF Datasheet (PDF)

Go To PDF Page Download Datasheet
PTRA082808NF Datasheet PDF - WOLFSPEED, INC.

Part # PTRA082808NF
Download  PTRA082808NF Click to download

File Size   677.37 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 – 820 MHz

PTRA082808NF Datasheet (HTML) - WOLFSPEED, INC.


PTRA082808NF Product details

Description
The PTRA082808NF is a 280-watt LDMOS FET intended for use in multi-standard
cellular power amplifier applications in the 790 to 820 MHz frequency band. Features
include input and output matching, high gain and thermally-enhanced package
with earless flanges. Manufactured with Wolfspeed’s advanced LDMOS process, this
device provides excellent thermal performance and superior reliability
Features
• Broadband internal input and output matching
• Asymmetrical design
- Main: P1dB = 115 W Typ
- Peak: P1dB = 165 W Typ
• Typical Pulsed CW performance, 820 MHz, 48 V,
Doherty configuration
- Output power at P3dB = 250 W
- Efficiency = 55.6 %
- Gain = 16.2 dB
• Capable of handling 10:1 VSWR @ 48 V, 56.2 W (CW)
output power
• Human Body Model Class 1C (per ANSI/ESDA/JEDEC
JS-001)
• Integrated ESD protection
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - PTRA082808NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA082808NF INFINEON-PTRA082808NF Datasheet
534Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 ??820 MHz
Rev. 04.1, 2018-01-30
logo
Cree, Inc
PTRA082808NF CREE-PTRA082808NF Datasheet
604Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 ??820 MHz
More results


Similar Description - PTRA082808NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB082817FH INFINEON-PTFB082817FH Datasheet
667Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 30 V, 791-821 MHz
Rev. 02, 2010-12-13
PTFC262808SV INFINEON-PTFC262808SV Datasheet
180Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 02.1, 2013-08-02
PTRA082808NF INFINEON-PTRA082808NF Datasheet
534Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 ??820 MHz
Rev. 04.1, 2018-01-30
PTFC262808FV INFINEON-PTFC262808FV Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 03, 2016-06-22
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTRA082808NF CREE-PTRA082808NF Datasheet
604Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 ??820 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTFC262808FV CREE-PTFC262808FV Datasheet
806Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com