Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA082407NF Datasheet (PDF) - WOLFSPEED, INC.

PTVA082407NF Datasheet PDF - WOLFSPEED, INC.
Part # PTVA082407NF
Download  PTVA082407NF Download
File Size   733.46 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 – 821 MHz

PTVA082407NF Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVA082407NF Datasheet PDF - WOLFSPEED, INC.

Part # PTVA082407NF
Download  PTVA082407NF Click to download

File Size   733.46 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 – 821 MHz

PTVA082407NF Datasheet (HTML) - WOLFSPEED, INC.


PTVA082407NF Product details

Description
The PTVA082407NF is a 240-watt LDMOS FET manufactured with Wolfspeed’s 48-V
LDMOS process. It is designed for use in multi-standard cellular power amplifier
applications. It features a single ended design and input matching that allow for
use from 746 MHz to 821 MHz. Manufactured with Wolfspeed’s advanced LDMOS
process, this device provides excellent thermal performance and superior reliability
Features
• Broadband internal input matching
• Typical CW performance, 755 MHz, 48 V
- Output power at P1dB = 225 W
- Output power at P3dB = 250 W
- Gain = 20.5 dB
- Efficiency = 43%
• Capable of handling 10:1 VSWR @ 48 V, 80 W CW
output power
• Integrated ESD protection
• Human Body Model class 2 (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - PTVA082407NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA082407NF INFINEON-PTVA082407NF Datasheet
453Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
Rev. 02.5, 2017-07-18
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
More results


Similar Description - PTVA082407NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB082817FH INFINEON-PTFB082817FH Datasheet
667Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 30 V, 791-821 MHz
Rev. 02, 2010-12-13
PTRA094252FC INFINEON-PTRA094252FC Datasheet
400Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
Rev. 04.2, 2017-12-08
PTVA082407NF INFINEON-PTVA082407NF Datasheet
453Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
Rev. 02.5, 2017-07-18
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
logo
Cree, Inc
PTRA094252FC CREE-PTRA094252FC Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTRA084808NF WOLFSPEED-PTRA084808NF Datasheet
881Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
Rev. 03.4, 2022-1-27
PTVA092407NF WOLFSPEED-PTVA092407NF Datasheet
708Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 – 960 MHz
Rev. 03.2, 2022-02-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com