Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA120252MT Datasheet (PDF) - WOLFSPEED, INC.

PTVA120252MT Datasheet PDF - WOLFSPEED, INC.
Part # PTVA120252MT
Download  PTVA120252MT Download
File Size   553.78 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 – 1400 MHz

PTVA120252MT Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVA120252MT Datasheet PDF - WOLFSPEED, INC.

Part # PTVA120252MT
Download  PTVA120252MT Click to download

File Size   553.78 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 – 1400 MHz

PTVA120252MT Datasheet (HTML) - WOLFSPEED, INC.


PTVA120252MT Product details

Description
The PTVA120252MT LDMOS FET is a 25-watt LDMOS FET designed for use
in power amplifier applications in the 500 MHz to 1400 MHz frequency
band. Features include high gain and a thermally-enhanced, surface-mount
package. Manufactured with Wolfspeed’s advanced LDMOS process, this
device provides excellent thermal performance and superior reliability.
Features
• Unmatched
• Target CW performance 960 MHz, 48 V,
combined outputs
- Output power at P1dB = 25 W
- Gain = 19.8 dB
- Efficiency = 64%
• Capable of handling 10:1 VSWR @ 48 V, 20 W CW
output power
• Integrated ESD protection
• Human Body Model class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - PTVA120252MT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA120252MT INFINEON-PTVA120252MT Datasheet
453Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
Rev. 03.4, 2017-02-07
logo
Cree, Inc
PTVA120252MT CREE-PTVA120252MT Datasheet
530Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
More results


Similar Description - PTVA120252MT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA120251EA INFINEON-PTVA120251EA_16 Datasheet
1Mb / 14P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 ??1400 MHz
Rev. 04.2, 2016-04-19
PTVA120121M INFINEON-PTVA120121M Datasheet
414Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
Rev. 02.1, 2017-02-03
PTVA120252MT INFINEON-PTVA120252MT Datasheet
453Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
Rev. 03.4, 2017-02-07
logo
Cree, Inc
PTVA120121M CREE-PTVA120121M Datasheet
530Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
PTVA120251EA CREE-PTVA120251EA Datasheet
876Kb / 14P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 ??1400 MHz
PTVA120252MT CREE-PTVA120252MT Datasheet
530Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
PTVA127002EV CREE-PTVA127002EV Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 ??1400 MHz
logo
WOLFSPEED, INC.
PTVA120251EA WOLFSPEED-PTVA120251EA Datasheet
787Kb / 14P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 – 1400 MHz
Rev. 06, 2023-07-10
PTVA127002EV WOLFSPEED-PTVA127002EV Datasheet
691Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
Rev. 05, 2023-07-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com