Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA120501EA-V1-R2 Datasheet (PDF) - WOLFSPEED, INC.

PTVA120501EA-V1-R2 Datasheet PDF - WOLFSPEED, INC.
Part # PTVA120501EA-V1-R2
Download  PTVA120501EA-V1-R2 Download
File Size   695.33 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz

PTVA120501EA-V1-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVA120501EA-V1-R2 Datasheet PDF - WOLFSPEED, INC.

Part # PTVA120501EA-V1-R2
Download  PTVA120501EA-V1-R2 Click to download

File Size   695.33 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz

PTVA120501EA-V1-R2 Datasheet (HTML) - WOLFSPEED, INC.


PTVA120501EA-V1-R2 Product details

Description
The PTVA120501EA LDMOS FET is designed for use in power amplifier
applications in the 1200 to 1400 MHz frequency band. Features include
high gain and thermally-enhanced package with bolt-down flange. Manufactured with Wolfspeed's advanced LDMOS process, this device provides
excellent thermal performance and superior reliability.
Features
• Broadband input matching
• High gain and efficiency
• Typical Pulsed CW performance, 1200 – 1400MHz, 50 V,
300 µs pulse width, 10 % duty cycle, class AB
- Output power at P1dB = 54 W
- Efficiency = 55%
- Gain = 16 dB
• Integrated ESD protection
• Low thermal resistance
• Pb-free and RoHS compliant
• Capable of withstanding a 10:1 load mismatch
(all phase angles) at 50 W peak under RF pulse,
300 μS, 10% duty cycle.




Similar Part No. - PTVA120501EA-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
logo
Cree, Inc
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
Infineon Technologies A...
PTVA120501EAV1R0 INFINEON-PTVA120501EAV1R0 Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
PTVA120501EAV1R0XTMA1 INFINEON-PTVA120501EAV1R0XTMA1 Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
PTVA120501EAV1R2 INFINEON-PTVA120501EAV1R2 Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
More results


Similar Description - PTVA120501EA-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA123501EFC INFINEON-PTVA123501EFC_16 Datasheet
1Mb / 14P
Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
Rev. 05.1, 2016-04-26
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
PTVA120251EA INFINEON-PTVA120251EA_16 Datasheet
1Mb / 14P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 ??1400 MHz
Rev. 04.2, 2016-04-19
PTVA120121M INFINEON-PTVA120121M Datasheet
414Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
Rev. 02.1, 2017-02-03
logo
Cree, Inc
PTVA120121M CREE-PTVA120121M Datasheet
530Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
PTVA123501EC CREE-PTVA123501EC Datasheet
753Kb / 14P
Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
PTVA127002EV CREE-PTVA127002EV Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 ??1400 MHz
logo
WOLFSPEED, INC.
PTVA120251EA WOLFSPEED-PTVA120251EA Datasheet
787Kb / 14P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 – 1400 MHz
Rev. 06, 2023-07-10
PTVA127002EV WOLFSPEED-PTVA127002EV Datasheet
691Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
Rev. 05, 2023-07-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com