Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96714 Datasheet (PDF) - Analog Devices

MAX96714 Datasheet PDF - Analog Devices
Part # MAX96714
Download  MAX96714 Download
File Size   2548.12 Kbytes
Page   210 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single GMSL2/GMSL1 to CSI-2 Deserializer

MAX96714 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX96714 Datasheet PDF - Analog Devices

Part # MAX96714
Download  MAX96714 Click to download

File Size   2548.12 Kbytes
Page   210 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single GMSL2/GMSL1 to CSI-2 Deserializer

MAX96714 Datasheet (HTML) - Analog Devices


MAX96714 Product details

General Description
The MAX96714/F/R deserializers convert a GMSL™2/1
input to MIPI CSI-2 output. The devices allow a simultaneously
transmit bidirectional control channel while forward
video transmissions are in progress. The MAX96714/F/R
operate at a fixed rate of 3Gbps or 6Gbps in the forward
direction and 187.5Mbps in the reverse direction.
Data can be transmitted over low-cost 50Ω Coax or 100Ω
STP cables that meet the GMSL2 channel specifications.

Benefits and Features
● Automotive Grade High-Speed Link
• -18dB at 3GHz (6Gbps) Max Insertion Loss
• -19.5dB at 1.5GHz (3Gbps) Max Insertion Loss
• Auto Adapt for Changes in Channel Conditions
• Operates -40°C to +105°C Ambient
● Single GMSL Input Can Support up to 8MP Imagers
• 6/3Gbps in GMSL2 Forward Link-Rates
• 3.12Gbps in GMSL1 Forward Link-Rates
• 187.5Mbps/1Mbps (GMSL2/1) Reverse Link-Rates
● High-Speed 1x4-lane MIPI Output Port, CSI-2 v1.3
• MIPI D-PHY v1.2 Rated at 2.5Gbps/Lane
• Polarity Flip and Data-Lane Reassignment
• Supports 16 Virtual Channels
● Bidirectional Reverse Channel Supports
• Nine Configurable GPIOs
• 1 x I2C/UART Ports, up to 1MHz
• 2 x Pass-Through I2C/UART
● Reduces BOM and Space Savings
• Tiny 5mm x 5mm TQFN Standard and Side-
Wettable
• Industry’s Smallest Power over Coax (PoC)
● RoR for Crystal-Free Operation on Serializers
● ASIL-B Compliant in GMSL2 Mode (MAX96714/F)
● Supports ASIL-B(D) Decomposition (MAX96714/F)
● MAX96714: 6Gbps, GMSL2, ASIL-B
● MAX96714F: 3Gbps, GMSL2, ASIL-B
● MAX96714R: 3Gbps, GMSL2, QM, I2C Only

Applications
● Advanced Driver Assistance Systems (ADAS)
● Forward Vision Camera Systems (FVC)
● Rear View Camera (RVC)
● Driver-Monitor Systems (DMS)




Similar Part No. - MAX96714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX96714 AD-MAX96714 Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
Rev 2; 5/23
MAX96714F AD-MAX96714F Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
Rev 2; 5/23
MAX96714FGTJ/V+ AD-MAX96714FGTJ/V+ Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
Rev 2; 5/23
MAX96714FGTJ/V+T AD-MAX96714FGTJ/V+T Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
Rev 2; 5/23
MAX96714FGTJ/VY+ AD-MAX96714FGTJ/VY+ Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
Rev 2; 5/23
More results


Similar Description - MAX96714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
FPD-Link III to CSI-2 Deserializer
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UB962-Q1 TI1-DS90UB962-Q1 Datasheet
2Mb / 169P
Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
1080p FPD-Link III to CSI-2 deserializer
logo
Analog Devices
MAX96724 AD-MAX96724 Datasheet
4Mb / 474P
Quad Tunneling GMSL2/1 to CSI-2 Deserializer
Rev 4; 1/23
MAX96717R AD-MAX96717R Datasheet
1Mb / 142P
CSI-2 to GMSL2 Serializer
19-101157; Rev 1; 3/23
MAX96714 AD-MAX96714 Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
Rev 2; 5/23
MAX96717 AD-MAX96717 Datasheet
6Mb / 235P
CSI-2 to GMSL2 Serializer
19-100942; Rev 4; 5/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com