Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1107272 Datasheet (PDF) - PHOENIX CONTACT

1107272 Datasheet PDF - PHOENIX CONTACT
Part # 1107272
Download  1107272 Download
File Size   400.45 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FRS-3PECON-PG 9-M - Power connector

1107272 Datasheet (PDF)

Go To PDF Page Download Datasheet
1107272 Datasheet PDF - PHOENIX CONTACT

Part # 1107272
Download  1107272 Click to download

File Size   400.45 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FRS-3PECON-PG 9-M - Power connector

1107272 Datasheet (HTML) - PHOENIX CONTACT


1107272 Product details

Power connector, 4-position, Socket angled M12, S, Screw connection, knurl material: Zinc diecast,
nickel-plated, cable gland Pg9, external cable diameter 6 mm ... 8 mm, for AC current up to
12 A/630 V

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors
• High-performance: AC connectors for up to 12 A and 630 V AC
• Protection against incorrect connection using special S-coding




Similar Part No. - 1107272

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1107272 SILABS-1107272 Datasheet
93Kb / 2P
Description of Change: Silicon Labs is pleased to announce rev 1.1 Datasheet
More results


Similar Description - 1107272

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404643 PHOENIX-1404643 Datasheet
291Kb / 6P
Power connector - SACC-M12MST-3PECON-PG11-M
1408987 PHOENIX-1408987 Datasheet
130Kb / 8P
Power connectors - SACC-M12FRS-3PECON-PG11-M
09/11/2020
1107268 PHOENIX-1107268 Datasheet
391Kb / 12P
SACC-M12MSS-3PECON-PG 9-M - Power connector
1418052 PHOENIX-1418052 Datasheet
399Kb / 13P
SACC-M12FST-4CON-PG 9-M - Power connector
1419639 PHOENIX-1419639 Datasheet
390Kb / 12P
SACC-M12MSS-2PECON-PG 9-M - Power connector
1419640 PHOENIX-1419640 Datasheet
381Kb / 12P
SACC-M12FSS-2PECON-PG 9-M - Power connector
1419641 PHOENIX-1419641 Datasheet
412Kb / 12P
SACC-M12MRS-2PECON-PG 9-M - Power connector
1419642 PHOENIX-1419642 Datasheet
395Kb / 13P
SACC-M12FRS-2PECON-PG 9-M - Power connector
1107269 PHOENIX-1107269 Datasheet
381Kb / 12P
SACC-M12FSS-3PECON-PG 9-M - Power connector
1107271 PHOENIX-1107271 Datasheet
416Kb / 12P
SACC-M12MRS-3PECON-PG 9-M - Power connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com