Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70042 Datasheet (PDF) - Belden Inc.

70042 Datasheet PDF - Belden Inc.
Part # 70042
Download  70042 Download
File Size   194.28 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description AUDIO ANALOG 4 PAIR, 26AWG, LSZH

70042 Datasheet (PDF)

Go To PDF Page Download Datasheet
70042 Datasheet PDF - Belden Inc.

Part # 70042
Download  70042 Click to download

File Size   194.28 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description AUDIO ANALOG 4 PAIR, 26AWG, LSZH

70042 Datasheet (HTML) - Belden Inc.


70042 Product details

Product Description
ANALOG AUDIO 4 PAIR, 26AWG/0.14mm², LSZH




Similar Part No. - 70042

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
70042 WIXROYD-70042 Datasheet
226Kb / 1P
die-cast stainless steel - DIN 6335
70042.W0032 WIXROYD-70042.W0032 Datasheet
226Kb / 1P
die-cast stainless steel - DIN 6335
70042.W0040 WIXROYD-70042.W0040 Datasheet
226Kb / 1P
die-cast stainless steel - DIN 6335
70042.W0050 WIXROYD-70042.W0050 Datasheet
226Kb / 1P
die-cast stainless steel - DIN 6335
70042.W0063 WIXROYD-70042.W0063 Datasheet
226Kb / 1P
die-cast stainless steel - DIN 6335
More results


Similar Description - 70042

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70019E BELDEN-70019E Datasheet
162Kb / 2P
AUDIO ANALOG 2 PAIR 26AWG,TPE
12-19-2022
8725NH BELDEN-8725NH Datasheet
343Kb / 3P
AUDIO ANALOG 4 PAIR 20AWG, BELDFOIL, LSZH
12-19-2022
70018E BELDEN-70018E Datasheet
233Kb / 2P
AUDIO ANALOG 1 PAIR 26AWG,TPE
11-09-2022
70038 BELDEN-70038 Datasheet
185Kb / 2P
AUDIO ANALOG 10 PAIR 26AWG, PVC
12-20-2022
70039 BELDEN-70039 Datasheet
185Kb / 2P
AUDIO ANALOG 10 PAIR, 26AWG, LSZH
12-20-2022
70041 BELDEN-70041 Datasheet
196Kb / 2P
AUDIO ANALOG 2 PAIR, 26AWG, LSZH
12-19-2022
70043 BELDEN-70043 Datasheet
194Kb / 2P
AUDIO ANALOG 8 PAIR, 26AWG, LSZH
12-19-2022
70044 BELDEN-70044 Datasheet
195Kb / 2P
AUDIO ANALOG 12 PAIR, 26AWG, LSZH
11-09-2022
70032 BELDEN-70032 Datasheet
186Kb / 2P
AUDIO ANALOG 4 PAIR 26AWG, BRAID PVC
12-19-2022
BE46312 BELDEN-BE46312 Datasheet
163Kb / 2P
AUDIO ANALOG 4 PAIR, 26AWG, ISTP, PVC, STAGE
12-19-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com