Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMH2 Datasheet (PDF) - Nexperia B.V. All rights reserved

PEMH2 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PEMH2
Download  PEMH2 Download
File Size   222.65 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ

PEMH2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMH2 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PEMH2
Download  PEMH2 Click to download

File Size   222.65 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ

PEMH2 Datasheet (HTML) - Nexperia B.V. All rights reserved


PEMH2 Product details

1. General description
NPN/NPN double Resistor-Equipped Transistor (RET) in an ultra small and flat lead SOT666
Surface-Mounted Device (SMD) plastic package.
NPN/PNP complement: PEMD12
PNP/PNP complement: PEMB2

2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs

3. Applications
• Low current peripheral driver
• Controlling IC inputs
• Replacement for general purpose transistors in digital applications




Similar Part No. - PEMH2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH2 PHILIPS-PEMH2 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 47 kohm, R2 = 47 kohm
2001 Oct 22
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PEMH2 NEXPERIA-PEMH2 Datasheet
912Kb / 15P
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 5 - 5 December 2011
logo
NXP Semiconductors
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
PEMH20 NXP-PEMH20 Datasheet
283Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
More results


Similar Description - PEMH2

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC123JT NEXPERIA-PDTC123JT Datasheet
809Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
1 April 2023
PDTC123JU NEXPERIA-PDTC123JU Datasheet
774Kb / 11P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
1 April 2023
PDTC144ET-Q NEXPERIA-PDTC144ET-Q Datasheet
227Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = 47 kΩ
7 March 2022
PDTC144EU-Q NEXPERIA-PDTC144EU-Q Datasheet
225Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = 47 kΩ
18 March 2022
PUMH2-Q NEXPERIA-PUMH2-Q Datasheet
1Mb / 12P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
8 October 2021
PUMD12-Q NEXPERIA-PUMD12-Q Datasheet
277Kb / 15P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
16 December 2021
PUMD48-Q NEXPERIA-PUMD48-Q Datasheet
253Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
PUMH9-Q NEXPERIA-PUMH9-Q Datasheet
254Kb / 13P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
7 October 2021
PEMD48 NEXPERIA-PEMD48 Datasheet
242Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
29 December 2022
PEMH13 NEXPERIA-PEMH13 Datasheet
223Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
29 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com