Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1.8AX Datasheet (PDF) - Bivar, Inc.

1.8AX Datasheet PDF - Bivar, Inc.
Part # 1.8AX
Download  1.8AX Download
File Size   928.58 Kbytes
Page   4 Pages
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.
Description 1.8mm Package Discrete LED AMBER

1.8AX Datasheet (PDF)

Go To PDF Page Download Datasheet
1.8AX Datasheet PDF - Bivar, Inc.

Part # 1.8AX
Download  1.8AX Click to download

File Size   928.58 Kbytes
Page   4 Pages
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.
Description 1.8mm Package Discrete LED AMBER

1.8AX Datasheet (HTML) - Bivar, Inc.


1.8AX Product details

1.8AX
♦ 1.8mm Small Footprint Package
♦ RoHS Compliant
♦ Water Clear (C) and Diffused (D) Lenses
♦ Available in a Shouldered Lead Frame style
♦ Ideal for Status Indication and Display
♦ Recommended for Bivar H-381C and H-485C holder
assemblies




Similar Part No. - 1.8AX

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
1.8-B CERAMATE-1.8-B Datasheet
444Kb / 12P
Low Dropout Linear Regulator
logo
Altera Corporation
1.8-VLVTTL ALTERA-1.8-VLVTTL Datasheet
836Kb / 34P
This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
logo
Visual Communications C...
1.800.522.5546 VCC-1.800.522.5546 Datasheet
690Kb / 2P
5110F Series Panel Mount LED Indicator Light for mounting hole 0.157” (4.0mm)
07/15 Rev 1
logo
Hirose Electric
1.85MM HIROSE-1.85MM Datasheet
210Kb / 6P
1.85mm coaxial connectors based on IEC Specifications
logo
Hengstler GmbH
1.869.026 HENGSTLER-1.869.026 Datasheet
187Kb / 7P
Totalizing Counters „mini-i“
More results


Similar Description - 1.8AX

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
1.8BWX BIVAR-1.8BWX Datasheet
925Kb / 4P
1.8mm Package Discrete LED BLUE
Revision A 03/08
1.8GX BIVAR-1.8GX Datasheet
929Kb / 4P
1.8mm Package Discrete LED GREEN
Revision A 03/08
1.8GXL BIVAR-1.8GXL Datasheet
913Kb / 4P
1.8mm Package Discrete LED GREEN, Low Current
Revision A 03/08
1.8HX BIVAR-1.8HX Datasheet
925Kb / 4P
1.8mm Package Discrete LED RED
Revision A 03/08
1.8HXL BIVAR-1.8HXL Datasheet
912Kb / 4P
1.8mm Package Discrete LED RED, Low Current
Revision A 03/08
1.8RX BIVAR-1.8RX Datasheet
396Kb / 4P
1.8mm Package Discrete LED RED
Revision A 08/12
1.8YX BIVAR-1.8YX Datasheet
926Kb / 4P
1.8mm Package Discrete LED YELLOW
Revision A 03/08
1.8YXL BIVAR-1.8YXL Datasheet
916Kb / 4P
1.8mm Package Discrete LED YELLOW, Low Current
Revision A 03/08
3AX-X BIVAR-3AX-X Datasheet
433Kb / 5P
3mm (T1) Package Discrete LED AMBER
Revision C 06/15
3SAX-X BIVAR-3SAX-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED AMBER, Super Bright
Revision D 08/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com