Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2160 Datasheet (PDF) - Maxim Integrated Products

MAX2160 Datasheet PDF - Maxim Integrated Products
Part # MAX2160
Download  MAX2160 Download
File Size   343.5 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ISDB-T Single-Segment Low-IF Tuners

MAX2160 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2160 Datasheet PDF - Maxim Integrated Products

Part # MAX2160
Download  MAX2160 Click to download

File Size   343.5 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ISDB-T Single-Segment Low-IF Tuners

MAX2160 Datasheet (HTML) - Maxim Integrated Products


MAX2160 Product details

General Description
The MAX2160/EBG tuner ICs are designed for use in Japanese mobile digital TV (ISDB-T single-segment) applications. The devices directly convert UHF band signals to a low-IF using a broadband I/Q downconverter. The operating frequency range extends from 470MHz to 770MHz.

Features
♦ Low Noise Figure: < 4dB Typical
♦ High Dynamic Range: -98dBm to 0dBm
♦ High-Side or Low-Side LO Injection
♦ Integrated VCO and Tank Circuits
♦ Low LO Phase Noise: Typical -88dBc/Hz at 10kHz
♦ Integrated Frequency Synthesizer
♦ Integrated Bandpass Filters
♦ 52dB Typical Image Rejection
♦ Single +2.7V to +3.3V Supply Voltage
♦ Three Low-Power Modes
♦ Two-Wire, I2C-Compatible Serial Control Interface
♦ Very Small Lead-Free WLP Package

Applications
   Cell Phone Mobile TVs
   Personal Digital Assistants (PDAs)
   Pocket TVs




Similar Part No. - MAX2160

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160 Datasheet
415Kb / 9P
Evaluation Kit
Rev 0; 1/05
MAX2160 MAXIM-MAX2160 Datasheet
706Kb / 25P
ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160EBG MAXIM-MAX2160EBG Datasheet
706Kb / 25P
ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160EBG+ MAXIM-MAX2160EBG+ Datasheet
706Kb / 25P
ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160ETL MAXIM-MAX2160ETL Datasheet
706Kb / 25P
ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
More results


Similar Description - MAX2160

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3570 MAXIM-MAX3570 Datasheet
436Kb / 17P
HI-IF Single-Chip Broadband Tuners
Rev 0; 2/05
logo
Analog Devices
ADMTV201 AD-ADMTV201 Datasheet
71Kb / 2P
Low Power Mobile TV Tuner IC for ISDB-T
Rev. Sp0
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
logo
EPCOS
B8740 EPCOS-B8740 Datasheet
115Kb / 9P
SAW band-stop filter ISDB-T
logo
Silicon Laboratories
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
ISDB-T and DVB-T/C Demodulator
SI21802-B60 SILABS-SI21802-B60 Datasheet
161Kb / 2P
Dual ISDB-T and DVB-T/C Demodulator
logo
Maxim Integrated Produc...
MAX2163 MAXIM-MAX2163 Datasheet
536Kb / 23P
ISDB-T 1-Segment Tuner
Rev 2; 10/09
logo
NXP Semiconductors
TEF6621 NXP-TEF6621 Datasheet
166Kb / 2P
NXP low-IF analog car radio tuners TEF662x
December 2010
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
ISDB-T and DVB-T/C Demodulator
November 28, 2021
SI21802-B60 SKYWORKS-SI21802-B60 Datasheet
146Kb / 2P
Dual ISDB-T and DVB-T/C Demodulator
August 22, 2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com