Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17393A Datasheet (PDF) - Renesas Technology Corp

HA17393A Datasheet PDF - Renesas Technology Corp
Part # HA17393A
Download  HA17393A Download
File Size   102.71 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Comparators

HA17393A Datasheet (PDF)

Go To PDF Page Download Datasheet
HA17393A Datasheet PDF - Renesas Technology Corp

Part # HA17393A
Download  HA17393A Click to download

File Size   102.71 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Comparators

HA17393A Datasheet (HTML) - Renesas Technology Corp


HA17393A Product details

Description

The HA17393A series products are comparators designed for general purpose, especially for power control systems. These ICs operate from a single power-supply voltage over a wide range of voltages, and feature a reduced power supply current since the supply current is independent of the supply voltage.

These comparators have the merit which ground is included in the common-mode input voltage range at a single voltage power supply operation. These products have a wide range of applications, including limit comparators, simple A/D converters, pulse/square-wave/time delay generators, wide range VCO circuits, MOS clock timers, multivibrators, and high-voltage logic gates.



Features

• Wide power-supply voltage range : 2 to 36 V

• Very low supply current : 0.8 mA Typ.

• Low input bias current : 25 nA Typ.

• Low input offset current : 3 nA Typ.

• Low input offset voltage : 2 mV Typ.

• The common-mode input voltage range includes ground

• Output voltages compatible with CMOS logic systems



 




Similar Part No. - HA17393A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A_15 Datasheet
130Kb / 11P
Dual Comparators
More results


Similar Description - HA17393A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
Dual Comparators
AN6913 PANASONIC-AN6913 Datasheet
30Kb / 3P
Dual Comparators
logo
Rohm
BA10393 ROHM-BA10393 Datasheet
52Kb / 4P
Dual comparators
logo
Ceramate Technical
CO393 CERAMATE-CO393 Datasheet
95Kb / 4P
Dual comparators
logo
Renesas Technology Corp
HA17393B RENESAS-HA17393B Datasheet
119Kb / 8P
Dual Comparators
HA17903A RENESAS-HA17903A Datasheet
103Kb / 9P
Dual Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A_15 Datasheet
130Kb / 11P
Dual Comparators
HA17903A RENESAS-HA17903A_15 Datasheet
130Kb / 11P
Dual Comparators
HA17393B RENESAS-HA17393B_15 Datasheet
303Kb / 10P
Dual Comparators
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com