Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2167 Datasheet (PDF) - Dallas Semiconductor

DS2167 Datasheet PDF - Dallas Semiconductor
Part # DS2167
Download  DS2167 Download
File Size   88.24 Kbytes
Page   15 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description ADPCM Processor

DS2167 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2167 Datasheet PDF - Dallas Semiconductor

Part # DS2167
Download  DS2167 Click to download

File Size   88.24 Kbytes
Page   15 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description ADPCM Processor

DS2167 Datasheet (HTML) - Dallas Semiconductor


DS2167 Product details

DESCRIPTION
The DS2167 and DS2168 are dedicated digital signal processor (DSP) CMOS chips optimized for Adaptive Differential Pulse Code Modulation (ADPCM) based compression algorithms. The devices halve the transmission bandwidth of “toll quality” voice from 64K to 32K bits/second and are utilized in PCM-based telephony networks.

FEATURES
• Speech compression chip compatible with standard ADPCM algorithms:
    – DS2167 supports “new” T1Y1 recommendations (July 1986) and “new” CCITT G.721 recommendations
    – DS2168 supports “old” CCITT G.721 recommendations
• Dual independent channel architecture – device may be programmed to perform full duplex, 2-channel expansions, or 2-channel compressions
• Interconnects directly with µ-law or A-law codec/filter devices
• Serial PCM and control port interfaces minimize “glue logic” in multiple channel applications
    – On-chip channel counters identify input and output timeslots in TDM-based systems
    – Unique addressing scheme simplifies device control; 3-wire port shared among 64 devices
    – Bypass and idle features allow dynamic allocation of channel bandwidth, minimize system power requirements
• Hardware mode intended for stand-alone use
    – No host processor required
    – Ideal for voice mail applications
• 28-pin surface-mount package available, designated DS2167Q/DS2168Q




Similar Part No. - DS2167

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2167 MAXIM-DS2167 Datasheet
115Kb / 15P
ADPCM Processor
022698
More results


Similar Description - DS2167

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
ADPCM Transcoder
logo
Dallas Semiconductor
DS2164Q DALLAS-DS2164Q Datasheet
259Kb / 17P
G.726 ADPCM Processor
DS2165-DS2165Q DALLAS-DS2165-DS2165Q Datasheet
336Kb / 17P
16/24/32kbps ADPCM Processor
logo
List of Unclassifed Man...
BT8110 ETC-BT8110 Datasheet
905Kb / 84P
High-Capacity ADPCM Processor
AT2004 ETC1-AT2004 Datasheet
326Kb / 25P
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
AT2008 ETC1-AT2008 Datasheet
286Kb / 19P
8 Channels ADPCM Processor
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
ADPCM Codec
logo
Maxim Integrated Produc...
DS2167 MAXIM-DS2167 Datasheet
115Kb / 15P
ADPCM Processor
022698
DS2165 MAXIM-DS2165 Datasheet
342Kb / 17P
16/24/32kbps ADPCM Processor
070802
DS2164Q MAXIM-DS2164Q Datasheet
265Kb / 17P
G.726 ADPCM Processor
070802
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com