Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4094B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4094B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4094B
Download  HEF4094B Download
File Size   263.2 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-stage shift-and-store register

HEF4094B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4094B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4094B
Download  HEF4094B Click to download

File Size   263.2 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-stage shift-and-store register

HEF4094B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4094B Product details

1. General description
The HEF4094B is an 8-bit serial-in/serial or parallel-out shift register with a storage register and
3-state outputs. Both the shift and storage register have separate clocks. The device features a
serial input (D) and two serial outputs (QS1 and QS2) to enable cascading. Data is shifted on the
LOW-to-HIGH transitions of the CP input. Data is available at QS1 on the LOW-to-HIGH transitions
of the CP input to allow cascading when clock edges are fast. The same data is available at QS2
on the next HIGH-to-LOW transition of the CP input to allow cascading when clock edges are slow.
The data in the shift register is transferred to the storage register when the STR input is HIGH.
Data in the storage register appears at the outputs whenever the output enable input (OE) is HIGH.
A LOW on OE causes the outputs to assume a high-impedance OFF-state. Operation of the OE
input does not affect the state of the registers. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Wide supply voltage range from 3.0 to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Standardized symmetrical output characteristics
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V (C = 200 pF; R = 0 Ω)
• Complies with JEDEC standard JESD 13-B
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - HEF4094B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
HEF4094B NXP-HEF4094B Datasheet
204Kb / 20P
8-stage shift-and-store register Rev. 11 ??29 August 2013
Rev. 11-29 August 2013
logo
Nexperia B.V. All right...
HEF4094B-Q100 NEXPERIA-HEF4094B-Q100 Datasheet
251Kb / 16P
8-stage shift-and-store register
HEF4094B-Q100 NEXPERIA-HEF4094B-Q100 Datasheet
263Kb / 15P
8-stage shift-and-store register
Rev. 6 5 September 2024
More results


Similar Description - HEF4094B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
8-STAGE SHIFT-AND-STORE BUS REGISTER
Jun-1989
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
8-stage shift-and-store register
Rev. 08-2 April 2010
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
8-stage shift-and-store register
Rev. 11-29 August 2013
logo
Nexperia B.V. All right...
HEF4094B-Q100 NEXPERIA-HEF4094B-Q100 Datasheet
251Kb / 16P
8-stage shift-and-store register
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com