Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4557BT Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4557BT Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4557BT
Download  HEF4557BT Download
File Size   755.49 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-to-64 bit variable length shift register

HEF4557BT Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4557BT Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4557BT
Download  HEF4557BT Click to download

File Size   755.49 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-to-64 bit variable length shift register

HEF4557BT Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4557BT Product details

1. General description
The HEF4557B is a static clocked serial shift register whose length may be programmed
to be any number of bits between 1 and 64. The number of bits selected is equal to the
sum of the subscripts of the enabled length control inputs (L1, L2, L4, L8, L16, and L32)
plus one. Serial data may be selected from the DA or DB data inputs with the A/B select
input. This feature is useful for recirculation purposes. Information on DA or DB is shifted
into the first register position and all the data in the register is shifted one position to the
right on the LOW to HIGH transition of CP0 while CP1 is LOW or on the HIGH to LOW
transition of CP1 while CP0 is HIGH. A HIGH on master reset (MR) resets the register and
forces Q to LOW and Q to HIGH, independent of the other inputs.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS
(usually ground). Unused inputs must be connected to VDD, VSS, or another input.
2. Features and benefits
 Fully static operation
 5 V, 10 V, and 15 V parametric ratings
 Standardized symmetrical output characteristics
 Specified from 40 C to +85 C
 Complies with JEDEC standard JESD 13-B




Similar Part No. - HEF4557BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4557BT PHILIPS-HEF4557BT Datasheet
78Kb / 7P
1-to-64 bit variable length shift register
January 1995
More results


Similar Description - HEF4557BT

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
Variable Length Static Shift Register
logo
ON Semiconductor
MC14557B ONSEMI-MC14557B Datasheet
169Kb / 8P
1-to-64 Bit Variable Length Shift Register
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
1-to-64 bit variable length shift register
January 1995
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
Variable-Length Shift Register
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
1-to-64-bit Variable Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
4/8-bit Variable Length Shift Register
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
Variable-Length Shift Register
logo
ON Semiconductor
MC14557B ONSEMI-MC14557B_11 Datasheet
133Kb / 8P
1-to-64 Bit Variable Length Shift Register
June, 2011 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com