Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1883A Datasheet (PDF) - Belden Inc.

1883A Datasheet PDF - Belden Inc.
Part # 1883A
Download  1883A Download
File Size   172.97 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Line Level Audio Cable, 1 Pr #24 Str TC, O/A Foil, PVC Jkt, CMR

1883A Datasheet (PDF)

Go To PDF Page Download Datasheet
1883A Datasheet PDF - Belden Inc.

Part # 1883A
Download  1883A Click to download

File Size   172.97 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Line Level Audio Cable, 1 Pr #24 Str TC, O/A Foil, PVC Jkt, CMR

1883A Datasheet (HTML) - Belden Inc.


1883A Product details

Product Description
Line Level Audio Cable, 1 Pair 24 AWG (7 x 32) Tinned Copper, PP insulation, Overall Beldfoil® Shield, PVC Jacket, CMR




Similar Part No. - 1883A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1883A ETC2-1883A Datasheet
101Kb / 3P
24 AWG stranded (7x32) TC conductors, polypropylene insulation
1883A001U1000 ETC2-1883A001U1000 Datasheet
101Kb / 3P
24 AWG stranded (7x32) TC conductors, polypropylene insulation
1883A002U1000 ETC2-1883A002U1000 Datasheet
101Kb / 3P
24 AWG stranded (7x32) TC conductors, polypropylene insulation
1883A006U1000 ETC2-1883A006U1000 Datasheet
101Kb / 3P
24 AWG stranded (7x32) TC conductors, polypropylene insulation
1883A007U1000 ETC2-1883A007U1000 Datasheet
101Kb / 3P
24 AWG stranded (7x32) TC conductors, polypropylene insulation
More results


Similar Description - 1883A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1821R BELDEN-1821R Datasheet
203Kb / 2P
Audio Snake Cable, 24 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
11-09-2022
1815R BELDEN-1815R Datasheet
177Kb / 2P
Audio Snake Cable, 4 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
01-20-2023
1818R BELDEN-1818R Datasheet
151Kb / 2P
Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
12-19-2022
2451RW BELDEN-2451RW Datasheet
178Kb / 2P
Indoor/Outdoor Stadium, Line Level Audio Cable, 1 Pr #22 Str TC, O/A Foil,CPE Jkt, CMR, Waterblocked
11-09-2022
9451D BELDEN-9451D Datasheet
213Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
01-20-2023
9451P BELDEN-9451P Datasheet
213Kb / 3P
Line Level Audio Cable, 1 Pr #22 Str TC, O/A Foil, Flamarrest® Jkt, CMP
01-20-2023
1814R BELDEN-1814R Datasheet
151Kb / 2P
Audio Snake Cable, 2 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
1816R BELDEN-1816R Datasheet
177Kb / 2P
Audio Snake Cable, 6 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
1817R BELDEN-1817R Datasheet
177Kb / 2P
Audio Snake Cable, 8 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
01-20-2023
1800B BELDEN-1800B Datasheet
150Kb / 2P
Digital Audio Cable, 1 Pr #24 Str TC, O/A Foil, PVC Jkt, CMR
03-04-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com